Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS48DV2B Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 3Page - Cirrus Logic CS48DV2B Datasheet HTML 4Page - Cirrus Logic CS48DV2B Datasheet HTML 5Page - Cirrus Logic CS48DV2B Datasheet HTML 6Page - Cirrus Logic CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic CS48DV2B Datasheet HTML 10Page - Cirrus Logic CS48DV2B Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
DS875F2
Copyright 2009 Cirrus Logic
7
CONFIDENTIAL
4. Hardware Functional Description
4.1 DSP Core
The CS48DV2B DSPs are single-core DSP with separate X and Y data and P code memory spaces.
The DSP core is a high-performance, 32-bit, user-programmable, fixed-point DSP that is capable of
performing two multiply-and-accumulate (MAC) operations per clock cycle. The DSP core has eight
72-bit accumulators, four X- and four Y-data registers, and 12 index registers.
The DSP core is coupled to a flexible DMA engine. The DMA engine can move data between
peripherals such as the serial control port (SCP), digital audio input (DAI) and digital audio output
(DAO), or any DSP core memory, all without the intervention of the DSP. The DMA engine off loads
data move instructions from the DSP core, leaving more MIPS available for signal processing
instructions.
CS48DV2B functionality is controlled by application codes that are stored in on-board ROM or
downloaded to the CS48DV2B from a host controller or external serial FLASH/EEPROM.
Users can develop their applications using DSP Composer to create the processing chain and then
compile the image into a series of commands that are sent to the CS48DV2B through the SCP. The
processing application can either load modules (matrix-processors, virtualizers, post-processors)
from the DSPs on-board ROM, or custom firmware can be downloaded through the SCP.
The CS48DV2B is suitable for a variety of audio post-processing applications such as automotive
head-ends, automotive amplifiers, and boom boxes.
4.1.1 DSP Memory
The DSP core has its own on-chip data and program RAM and ROM and does not require external
memory for post-processing applications.
The Y-RAM and P-RAM share a single block of memory that can be configured to make Y and P
equal in size, or more memory can be allocated for Y-RAM in 2kword blocks.
4.1.2 DMA Controller
The powerful 8-channel DMA controller can move data between 8 on-chip resources. Each resource
has its own arbiter: X, Y, and P RAMs/ROMs and the peripheral bus. Modulo and linear addressing
Table 2. Device and Firmware Selection Guide
Devices
Availability
Suggested Applications
Specific Features
CS48DV2B-CQZ
CS48DV2B-DQZ
In Production Now
• Digital TV
Portable Audio
Docking Station
• Portable DVD
Players
• Multimedia PC
Speakers
• Soundbars
• Automotive
Entertainment
Systems
• 2.1 channels of audio
input and 2.1
channels of PCM
audio output.
• 512 FFT Window, 20-
Bands/Channel
• Dolby Volume Native
Processing of the
following Fs:
—
32 kHz
—
44.1 kHz
—
48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com