Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5366-DQZ Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5366-DQZ
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366-DQZ Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5366-DQZ Datasheet HTML 34Page - Cirrus Logic CS5366-DQZ Datasheet HTML 35Page - Cirrus Logic CS5366-DQZ Datasheet HTML 36Page - Cirrus Logic CS5366-DQZ Datasheet HTML 37Page - Cirrus Logic CS5366-DQZ Datasheet HTML 38Page - Cirrus Logic CS5366-DQZ Datasheet HTML 39Page - Cirrus Logic CS5366-DQZ Datasheet HTML 40Page - Cirrus Logic CS5366-DQZ Datasheet HTML 41Page - Cirrus Logic CS5366-DQZ Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DS626F4
41
CS5366
9. ORDERING INFORMATION
10.REVISION HISTORY
Product
Description
Package
Pb-Free
Grade
Temp Range
Container
Order #
CS5366
114 dB, 192 kHz,
6-channel A/D
Converter
48-pin
LQFP
YES
Commercial -40°C to +85°C
Tray
CS5366-CQZ
Tape & Reel CS5366-CQZR
Automotive -40°C to +105°C
Tray
CS5366-DQZ
Tape & Reel CS5366-DQZR
CDB5366 Evaluation Board for CS5366
CDB5366
Revision
Changes
F2
Updated the wording of pin 24, LRCK/FS, in the pin description table on page 7 to correctly reflect the
high/low clocking state for odd-channel selection in I²S and LJ Modes.
F3
Corrected SCL/CCLK pin description (Pin 39) for "Control Port Mode" on page 8.
F4
Corrected Absolute Max temp for “Ambient Operating Temperature (Power Applied)” on page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com