| Electronic Components Datasheet Search |
|
ATS617LSG Datasheet(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS617LSG Datasheet(HTML) 12 Page - Allegro MicroSystems |
|
12 / 16 page ![]() Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC ATS617LSG 12 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Superior Performance The ATS617 peak-detecting differen- tial design has several advantages over conventional Hall-effect gear-tooth sensors. The signal-processing techniques used in the ATS617 solve the catastrophic issues that affect the functionality of conventional digital gear-tooth sensors, such as the following: • Temperature drift. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset rejection circuitry. • Timing accuracy variation due to air gap. The accuracy varia- tion caused by air gap changes is minimized by the self-calibra- tion circuitry. A 2×-to-3× improvement can be seen. • Dual edge detection. Because this device switches based on the positive and negative peaks of the signal, dual edge detection is guaranteed. • Tilted or off-center installation. Traditional differential sensors can switch incorrectly due to baseline changes versus air gap caused by tilted or off-center installation. The peak detector cir- cuitry references the switchpoint from the peak and is immune to this failure mode. There may be a timing accuracy shift caused by this condition. • Large operating air gaps. Large operating air gaps are achiev- able with this device due to the sensitive switchpoints after power-on (dependent on target dimensions, material, and speed). • Immunity to magnetic overshoot. The patented adjustable hysteresis circuit makes the ATS617 immune to switching on magnetic overshoot within the specified air gap range. • Response to surface defects in the target. The gain-adjust circuitry reduces the effect of minor gear anomalies that would normally cause false switching. • Immunity to vibration and backlash. The gain-adjust circuitry keeps the hysteresis of the device roughly proportional to the peak-to-peak signal. This allows the device to have good im- munity to vibration even when operating at close air gaps. • Immunity to gear run out. The differential chip configuration eliminates the baseline variations caused by gear run out Differential vs. Single-Element Design The differential chip is superior in most applications to the classical single-ele- ment design. The single-element configuration commonly used (Hall-effect element mounted on the face of a simple permanent magnet) requires the detection of a small signal (often <100 G) that is superimposed on a large back-biased field, often 1500 G to 3500 G. For most gear/target configurations, the back-biased field values change due to concentration effects, resulting in a varying baseline with air gap, valley widths, eccentricities, and vibration (figure 4). The differential configuration (figure 5) cancels the effects of the back-biased field and avoids many of the issues presented by the single Hall element design. Figure 4. Affect of varying valley widths on single-element circuits. Figure 5. Affect of varying air gaps on differential circuits. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |