Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

527248TP1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527248TP1
Description  EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527248TP1 Datasheet(HTML) 1 Page - Glenair, Inc.

  527248TP1 Datasheet HTML 1Page - Glenair, Inc. 527248TP1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-24
CAGE Code 06324
5°
Captivated
Self-Locking
Telescoping Screws
E Closed
Port A
1.200 (30.5) Min
30°
Port D
(447HS557-25A)
Braid
Sock
Braid
Sock
Braid
Sock
Braid
Sock
Braid
Sock
Braid
Sock
D
Braid
Sock
C
15°
Port C
(447HS557-25A)
Port B
(447HS557-25A)
Port A
(447HS557-25A)
F
3.250
(82.6)
Port E
(447HS557-25A)
Port F
(447HS557-25A)
5.610 (142.5)
2.500
(63.5)
1.500
(38.1)
527-248
EMI/RFI Shield Sock Backshell
with Strain-Relief and 30° Cable Entries
for Size 3 ARINC 600 Series Connectors
Metric dimensions (mm) are indicated in parentheses.
527 248 NF P
Product Series
Basic Number
Connector Designator (See Note 2)
P = All manufacturers' Plug
and Receptacle Shells
except the following:
P1 = Cannon BKAD****322 Series Plug
P2 = Cannon BKAC & BKAE Series
Environmental Plug
P3 = Cannon/Boeing BACC66 Plug
P5 = Radiall/Boeing BACC66 Plug
Finish (Table II)


Similar Part No. - 527248TP1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527243B GLENAIR-527243B Datasheet
48Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243J GLENAIR-527243J Datasheet
48Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243LF GLENAIR-527243LF Datasheet
48Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243M GLENAIR-527243M Datasheet
48Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243N GLENAIR-527243N Datasheet
48Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
More results

Similar Description - 527248TP1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH053M08 GLENAIR-390AH053M08 Datasheet
83Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
EMI/RFI Shield Sock Backshell with Strain-Relief
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
EMI/RFI Strain-Relief Backshell
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
EMI/RFI Shield Sock Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
EMI/RFI Strain Relief Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com