Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD8M16 Datasheet(PDF) 39 Page - Austin Semiconductor

Part # AS4SD8M16
Description  128 Mb: 8 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD8M16 Datasheet(HTML) 39 Page - Austin Semiconductor

Back Button AS4SD8M16 Datasheet HTML 35Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 36Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 37Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 38Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 39Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 40Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 41Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 42Page - Austin Semiconductor AS4SD8M16 Datasheet HTML 43Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD8M16
Austin Semiconductor, Inc.
AS4SD8M16
Rev. 0.5 04/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
39
SINGLE READ - WITH AUTO PRECHARGE1
*CAS latency indicated in parentheses.
NOTES:
1. For this example, the burst length = 1, the CAS latency = 2.
2. A9, A11 = “Don’t Care”
3. READ command not allowed else t
RAS
would be violated.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAC(3)
5.4
ns
tCMH
0.8
ns
tAC(2)
6
ns
tCMS
1.5
ns
tAH
0.8
ns
tHZ(3)
5.4
ns
tAS
1.5
ns
tHZ(2)
6ns
tCH
2.5
ns
tLZ
1ns
tCL
2.5
ns
tOH
3ns
tCK(3)
7.5
ns
tRAS
44
80,000
ns
tCK(2)
10
ns
tRC
66
ns
tCKH
0.8
ns
tRCD
20
ns
tCKS
1.5
ns
tRP
20
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com