| Electronic Components Datasheet Search |
|
ITS4100SPMB Datasheet(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
ITS4100SPMB Datasheet(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() U.S. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A-26 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. Application Notes: 1. Front panel mount square flange receptacle with EMI/RFI shield termination backshell. Backshell features rotating coupling nut and a “braid-trap” for termination of braided shielding. Heat-shrink tubing may also be attached for additional environmental and mechanical protection. Through mounting holes. 2. Connector/Backshell Class “SP” (environmental)—Wire sealing grommet supplied. 3. Standard materials configuration consists of aluminum alloy with cadmium olive drab finish. 4. Standard contact material consists of copper alloy with silver plating (Gold plating available, see mod codes). 5. A broad range of additional connector accessories are available. See our website and/or contact the factory for complete information. 6. Standard insert material is synthetic rubber. Add “FR” prefix to front of part number to specify fire resistant inserts. ITS 3100 (SP) and ITS 4100 (SP) Front Panel Mount Square Flange Receptacle Assembly with Backshell for EMI/RFI Shield Termination ITS 31 00 SP FK 20-27 P Y XXX Mod Code Option (See Table II) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal (See Intro 20-21) Contact Gender P - Pin S - Socket Shell Size and Insert Arrangement (See Intro 6-25) Material Option (Omit for Aluminum) FK - Stainless Steel Passivate MB - Marine Bronze Bayonet Coupling Contact Type 31 - Solder 41 - Crimp 00 - Front Wall Mount Connector/Backshell Class SP - Environmental; Supplied with Grommet and EMI/RFI Backshell L K M M L1 3.5 J qS T qR T qR T qR T qR T qR T qR T qR T qR T qR T qR T qR |
Similar Part No. - ITS4100SPMB |
|
Similar Description - ITS4100SPMB |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |