Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8SLC128K32P-20L/883C Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS8SLC128K32P-20L/883C
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8SLC128K32P-20L/883C Datasheet(HTML) 1 Page - Austin Semiconductor

  AS8SLC128K32P-20L/883C Datasheet HTML 1Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 2Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 3Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 4Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 5Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 6Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 7Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 8Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8SLC128K32 is a high speed,
4MB CMOS SRAM multichip module (MCM) designed for full
temperature range, 3.3V power supply, military, space, or high
reliability mass memory and fast cache applications.
The device input and output TTL compatible. Writing is
executed when the write enable (WE\) and chip enable (CS\) inputs are
low. Reading is accomplished when WE\ is high and CS\ and output
enable (OE\) are both low. Access time grades of 10ns, 12ns, 15ns,
17ns, 20ns and 25ns maximum are standard.
The products are designed for operation over the temperature
range of -55°C to +125°C and screened under the full military
environment.
FEATURES
• Fast Access Times of 10 to 25ns
• Overall Configuration: 128K x 32
• 4 Low Power CMOS 128K x 8 SRAMs in one MCM
• +3.3V power supply
• Internal Decoupling Capacitors
• Low Operating Power, 1/2 Previous Generation
OPTIONS
MARKINGS
• Operating Temperature Ranges
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
• Timing
10ns (Contact Factory)
-10
12ns
-12
15ns
-15
17ns
-17
20ns
-20
25ns
-25
• Package
Ceramic Quad Flatpack
Q
Pin Grid Array
P
• Low Power Data Retention Mode
L
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• MIL-STD-883
68 Lead CQFP (Q)
128K x 32 SRAM
SRAM MEMORY ARRAY
For more products and information
please visit our web site at
www.austinsemiconductor.com
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
GND
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
GND
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
CS
CS
CS
CS
\
NC
NC
CS2\
CS1\
CS4\
CS3\
\
\
\
\
FUNCTIONAL BLOCK DIAGRAM
66 Lead PGA (P)


Similar Part No. - AS8SLC128K32P-20L/883C

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
More results

Similar Description - AS8SLC128K32P-20L/883C

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com