Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS28C010CW-25/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS28C010CW-25/XT
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010CW-25/XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS28C010CW-25/XT Datasheet HTML 3Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 4Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 5Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 6Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 7Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 8Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 9Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 10Page - Austin Semiconductor AS28C010CW-25/XT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
SOFTWARE DATA PROTECTION TIMING WAVEFORM (protection mode)
t
WC
t
BLC
Write Address
Write Data
5555
A0
AAAA
or
2AAA
55
5555
AA
Address
Data
Vcc
CE\
WE\
SOFTWARE DATA PROTECTION TIMING WAVEFORM (non-protection mode)
t
WC
5555
80
AAAA
or
2AAA
55
5555
AA
Address
Data
Vcc
CE\
WE\
Normal active
mode
5555
AA
5555
20
AAAA
or
2AAA
55
tRC
ADDRESS
tCE
CE\
OE\
WE\
DATA VALID
DATA I/O
DATA VALID
tOE
VIH
HIGH Z
tOLZ
tLE
tOH
tAA
tHZ
tOHZ
READ CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com