Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS58LC1001DCJ-25/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS58LC1001DCJ-25/XT
Description  128K x 8 EEPROM Radiation Tolerant
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58LC1001DCJ-25/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS58LC1001DCJ-25/XT Datasheet HTML 1Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 2Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 3Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 4Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 5Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 6Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 7Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 8Page - Austin Semiconductor AS58LC1001DCJ-25/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58LC1001
AS58LC1001
Rev. 1.0 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
FUNCTIONAL DESCRIPTION
AUTOMATIC PAGEWRITE
The Page Write feature allows 1 to 128 Bytes of data to be
written into the EEPROM in a single cycle and allows the un-
defined data within 128 Bytes to be written corresponding to
the undefined address (A
0
to A
6
). Loading the first Byte of
data, the data load window of 30
μs opens for the second. In the
same manner each additional Byte of data can be loaded within
30
μs. In case CE\ and WE\ are kept high for 100μs after data
input, the EEPROM enters erase and write automatically and
only the input data can be written into the EEPROM. In Page
mode the data can be written and accessed 10
4 times per page,
and in Byte mode 10
3 times per Byte.
DATA\ POLLING
Data\ Polling allows the status of the EEPROM to be deter-
mined. If the EEPROM is set to Read mode during a Write
cycle, and inversion of the last Byte of data to be loaded out-
puts from I/O, to indicate that the EEPROM is performing a
Write operation.
WRITE PROTECTION
(1) Noise protection: Noise on a write cycle will not act as
a trigger with a WE\ pulse of less than 20ns.
(2) Write inhibit: Holding OE\ low, WE\ high or CE\ high,
inhibits a write cycle during power on/off.
WE\ AND CE\ PIN OPERATION
During a write cycle, addresses are latched by the falling
edge of WE\ or CE\, and data is latched by the rising edge of
WE\ or CE\.
WRITE/ERASE ENDURANCE AND
DATA RETENTION
The endurance with page programming is 10
4 cycles (1%
cumulative failure rate) and the data retention time is more than
10 years when a device is programmed less than 10
4 cycles.
DATA PROTECTION
To protect the data during operation and power on/off, the
AS58C1001 has:
1. Data protection against Noise on Control Pins (CE\, OE\,
WE\) during Operation. During readout or standby, noise on
the control pins may act as a trigger and turn the EEPROM to
programming mode by mistake. To prevent this phenomenon,
the AS58LC1001 has a noise cancellation function that cuts
noise if its width is 20ns or less in programming mode. Be
careful not to allow noise of a width of more than 20ns on the
control pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com