Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1419AF-SPACE Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 1 Page - Austin Semiconductor

  AS1419AF-SPACE Datasheet HTML 1Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 2Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 3Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 4Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 5Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 6Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 7Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 8Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
•
Sample Rate: 800ksps
• Power Dissipation: 150mW
• 81.5dB S/(N+D) and 93dB THD
• No Missing Codes
•
No Pipeline Delay
•
Nap and Sleep Shutdown Modes
•
Operates with 2.5V Internal 15ppm/°C Reference or
External Reference
•
True Differential Inputs Reject Common Mode Noise
•
20MHz Full-Power Bandwidth Sampling
•
Bipolar Input Range: ±2.5V
•
28-pin LCC and Flatpack packages
OPTIONS
MARKING
•
Package(s)
28-Pin Flat-pack
F
28-Pin LCC
ECA
•
Operating Temperature Ranges
Extended Temperature (-55oC to +125oC)
XT
Industrial Temperature (-40°C to +85°C)
IT
Military Processing (-55°C to +125°C)
MIL
Space Processing (-55oC to +125oC)
SPACE*
*As defined by individual customer Source Control
Drawing (SCD)
14 Bit, 800ksps Sampling
A/D Converter with Shutdown
For more products and information
please visit our web site at
www.austinsemiconductor.com
GENERAL DESCRIPTION
The AS1419 is a 1
μs, 800ksps, 14-bit sampling A/D
converter that draws only 150mW from ±5V supplies. This
easy-to-use device includes a high dynamic range sample-and-
hold and a precision reference. Two digitally selectable power
shutdown modes provide flexibility for low power systems.
The AS1419 has a full-scale input range of ±2.5V.
Outstanding AC performance includes 81.5dB S/(N + D) and
93dB THD with a 100kHz input; 80dB S/(N + D) and 86dB THD
at the Nyquist input frequency of 400kHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 20MHz
bandwidth. The 60dB common mode rejection allows users to
eliminate ground loops and common mode noise by measuring
signals differentially from the source.
The ADC has a microprocessor compatible, 14-bit parallel
output port. There is no pipeline delay in the conversion
results. A separate convert start input and data ready signal
(BUSY\) ease connections to FIFOs, DSPs and
microprocessors.
PIN ASSIGNMENT
(Top View)
28-Pin Flat Pack (F)
+A
IN
-A
IN
V
REF
REFcomp
A
GND
D13
D12
D11
D10
D9
D8
D7
D6
D
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AV
DD
DV
DD
V
SS
BUSY\
CS\
CONVST\
RD\
SHDN\
D0
D1
D2
D3
D4
D5
28-Pin LCC (ECA)
4 3 2
28 27 26
12 13 14 15 16 17 18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
A
GND
D13
D12
D11
D10
D9
D8
BUSY\
CS\
CONVST\
RD\
SHDN\
D0
D1
1
Typical applications are telecommunications, digital
signal processing, multiplexed data acquisition systems, high
speed data acquisitions, spectrum analysis, and imaging
systems.


Similar Part No. - AS1419AF-SPACE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS1431DR4D13 ETC-AS1431DR4D13 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS1431DR4D7 ETC-AS1431DR4D7 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS1431DR4DA ETC-AS1431DR4DA Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS1431DR4DB ETC-AS1431DR4DB Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
More results

Similar Description - AS1419AF-SPACE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com