Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-17/SPACE Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS8S512K32AP-17/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-17/SPACE Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS8S512K32AP-17/SPACE Datasheet HTML 5Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 9Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 10Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 11Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 12Page - Austin Semiconductor AS8S512K32AP-17/SPACE Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #702 (Package Designator Q)
SMD 5962-94611, Case Outline M
*All measurements are in inches.
4 x D2
4 x D1
D
b
e
MIN
MAX
A
0.123
0.200
A1
0.118
0.186
A2
0.000
0.020
B
b
0.013
0.017
D
D1
0.870
0.890
D2
0.980
1.000
E
0.936
0.956
e
R
0.005
---
L1
0.035
0.045
SYMBOL
0.800 BSC
0.050 BSC
SMD SPECIFICATIONS
0.010 REF
A2
SEE DETAIL A
A
A1
E
DETAILA
L1
1o - 7o
R
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com