Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-25/SPACE Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS8S512K32AP-25/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-25/SPACE Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS8S512K32AP-25/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 9Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 10Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 11Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 12Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 13Page - Austin Semiconductor AS8S512K32AP-25/SPACE Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
Austin Semiconductor, Inc.
EXAMPLE: AS8S512K32Q-15/883C
Device Number
Package
Type
Speed
ns
Options** Process
Device
Number
Options**
Package
Type
Speed ns Process
AS8S512K32
Q
-12
/*
AS8S512K32
Q1
-12
/*
AS8S512K32
Q
-15
/*
AS8S512K32
Q1
-15
/*
AS8S512K32
Q
-17
/*
AS8S512K32
Q1
-17
/*
AS8S512K32
Q
-20
/*
AS8S512K32
Q1
-20
/*
AS8S512K32
Q
-25
/*
AS8S512K32
Q1
-25
/*
AS8S512K32
Q
-35
/*
AS8S512K32
Q1
-35
/*
AS8S512K32
Q
-45
/*
AS8S512K32
Q1
-45
/*
AS8S512K32
Q
-55
/*
AS8S512K32
Q1
-55
/*
EXAMPLE: AS8S512K32P-25L/XT
Device Number
Package
Type
Speed
ns
Options** Process
Device
Number
Options**
Package
Type
Speed ns Process
AS8S512K32
P
-12
/*
AS8S512K32
Q2
-12
/*
AS8S512K32
P
-15
/*
AS8S512K32
Q2
-15
/*
AS8S512K32
P
-17
/*
AS8S512K32
Q2
-17
/*
AS8S512K32
P
-20
/*
AS8S512K32
Q2
-20
/*
AS8S512K32
P
-25
/*
AS8S512K32
Q2
-25
/*
AS8S512K32
P
-35
/*
AS8S512K32
Q2
-35
/*
AS8S512K32
P
-45
/*
AS8S512K32
Q2
-45
/*
AS8S512K32
P
-55
/*
AS8S512K32
Q2
-55
/*
EXAMPLE: AS8S512K32Q1-55/IT
EXAMPLE: AS8S512K32Q2-35L/XT
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
Q = Full Military Processing
-55oC to +125oC
SPACE= Class K Equivalent
-55oC to +125oC
**DEFINITION OF OPTIONS
no indicator = Military Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com