Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM2914 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices ADM2914 Datasheet HTML 11Page - Analog Devices ADM2914 Datasheet HTML 12Page - Analog Devices ADM2914 Datasheet HTML 13Page - Analog Devices ADM2914 Datasheet HTML 14Page - Analog Devices ADM2914 Datasheet HTML 15Page - Analog Devices ADM2914 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM2914
Rev. 0 | Page 13 of 16
TYPICAL APPLICATIONS
VH1
1.8V1
VL1
VH2
VL2
VH3
VL3
VH4
VL4
SEL
TIMER
UV
OV
LATCH/DIS
REF
GND
VCC
ADM2914
2.5V1
3.3V1
5V1
SYSTEM
PSU
51.7k
Ω
3.48k
Ω
137k
Ω
27.1k
Ω
1.82k
Ω
111k
Ω
174k
Ω
11.7k
Ω
1M
Ω
162k
Ω
10.7k
Ω
1.5M
Ω
NOTES
11.5% SUPPLY TOLERANCE AND 5% INPUT TOLERANCE REQUIREMENT.
Figure 23. Typical Application Diagram for Monitoring 5 V, 3.3 V, 2.5 V, and 1.8 V
VH1
–5V2
VL1
VH2
VL2
VH3
VL3
VH4
VL4
SEL
TIMER
UV
OV
LATCH/DIS
REF
GND
VCC
ADM2914
+12V1
SYSTEM
PSU
27.1k
Ω
167k
Ω
1.96M
Ω
1k
Ω
83.5k
Ω
5.62k
Ω
1.98M
Ω
NOTES
11.5% SUPPLY TOLERANCE AND 5% INPUT TOLERANCE REQUIREMENT.
23% SUPPLY TOLERANCE AND 15% INPUT TOLERANCE REQUIREMENT.
Figure 24. Typical Application Diagram for Monitoring +12 V and −5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com