Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADT7410EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-ADT7410EBZ
Description  짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7410EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-ADT7410EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADT7410EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADT7410
Rev. 0 | Page 13 of 24
REGISTERS
The ADT7410 contains 14 registers:
•
Nine temperature registers
•
A status register
•
An ID register
•
A configuration register
•
An address pointer register
•
A software reset
All registers are eight bits wide. The temperature value registers,
the status register, and the ID register are read-only. The software
reset is a write-only register. On power-up, the address pointer
register is loaded with 0x00 and points to the temperature value
register MSB.
Table 6. ADT7410 Registers
Register
Address
Description
Power-On
Default
0x00
Temperature value most significant byte
0x00
0x01
Temperature value least significant byte
0x00
0x02
Status
0x00
0x03
Configuration
0x00
0x04
THIGH setpoint most significant byte
0x20 (64°C)
0x05
THIGH setpoint least significant byte
0x00 (64°C)
0x06
TLOW setpoint most significant byte
0x05 (10°C)
0x07
TLOW setpoint least significant byte
0x00 (10°C)
0x08
TCRIT setpoint most significant byte
0x49 (147°C)
0x09
TCRIT setpoint least significant byte
0x80 (147°C)
0x0A
THYST setpoint
0x05 (5°C)
0x0B
ID
0xCX
0x2F
Software reset
0xXX
ADDRESS POINTER REGISTER
This register is always the first register written to during a write
to the ADT7410. It should be set to the address of the register
to which the write or read transaction is intended. Table 7
shows the register address of each register on the ADT7410.
The default value of the address pointer register is 0x00.
Table 7. Address Pointer Register
P7
P6
P5
P4
P3
P2
P1
P0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
TEMPERATURE VALUE REGISTERS
The temperature value most significant byte (MSB) and tem-
perature value least significant byte (LSB) registers store the
temperature measured by the internal temperature sensor.
The temperature is stored in twos complement format with
the MSB being the temperature sign bit. When reading from
these registers, the eight MSBs (Bit 7 to Bit 15) are read first
from Register Address 0x00 and then the eight LSBs (Bit 0 to
Bit 7) are read from Register Address 0x01. Only the tempera-
ture value most significant byte (Register Address 0x00) needs to
be loaded into the address pointer register as the address pointer
autoincrements to the Temperature value least significant byte
address (Register Address 0x01).
Bit 0 to Bit 2 are event alarm flags for TCRIT, THIGH, and TLOW. When
the ADC is configured to convert the temperature to a 16-bit
digital value then Bit 0 to Bit 2 are no longer used as flag bits
and are instead used as the LSB bits for the extended digital value.
Table 8. Temperature Value MSB Register (Register Address 0x00)
Bit
Default Value
Type
Name
Description
[8:14]
0000000
R
Temp
Temperature value in twos complement format
[15]
0
R
Sign
Sign bit, indicates if the temperature value is negative or positive
Table 9. Temperature Value LSB Register (Register Address 0x01)
Bit
Default
Value
Type
Name
Description
[0]
0
R
TLOW flag/LSB0
Flags a TLOW event if the configuration register, Register Address 0x03[7] = 0 (13-bit
resolution). When the temperature value is below TLOW, this bit it set to 1.
Contains the Least Significant Bit 0 of the 15-bit temperature value if the configuration
register, Register Address 0x03[7] = 1 (16-bit resolution).
[1]
0
R
THIGH flag/LSB1
Flags a THIGH event if the configuration register, Register Address 0x03[7] = 0 (13-bit
resolution). When the temperature value is above THIGH, this bit it set to 1.
Contains the Least Significant Bit 1 of the 15-bit temperature value if the configuration
register, Register Address 0x03[7] = 1 (16-bit resolution).
[2]
0
R
TCRIT flag/LSB2
Flags a TCRIT event if the configuration register, Register Address 0x03[7] = 0 (13-bit
resolution). When the temperature value exceeds TCRIT, this bit it set to 1.
Contains the Least Significant Bit 2 of the 15-bit temperature value if the configuration
register, Register Address 0x03[7] = 1 (16-bit resolution).
[3:7]
00000
R
Temp
Temperature value in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com