Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0148 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0148
Description  GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0148 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0148 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0148 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0148 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0148 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPST High Isolation Terminated Switch
0.3 - 4.0 GHz
Rev. V1
MASWSS0148
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VDD = 5 V, VCTRL = 0 / 5 V, 100 pF capacitors, Z0 = 50 Ω
6
6. For positive voltage control, external DC blocking capacitors are required on all RF ports.
7. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 300 MHz - 1 GHz, 39 pF for 0.5 GHz - 4 GHz.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss7
0.3 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
dB
dB
dB
dB
—
—
—
—
1.5
1.6
1.7
1.75
1.7
—
—
—
Isolation
1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
dB
dB
dB
dB
50
—
—
—
55
55
48
40
—
—
—
—
Return Loss
Insertion Loss State, 0.3 - 4.0 GHz
dB
—
17
—
Input 1 dB Compression
—
dBm
—
27
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
µS
µS
—
—
3
0.3
—
—
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
µS
µS
—
—
3.5
0.4
—
—
Transients
In-Band
mV
—
20
—
Input IP2
2-Tone, 5 MHz spacing, +10 dBm / tone
dBm
—
72
—
Input IP3
2-Tone, 5 MHz spacing, +10 dBm / tone
dBm
—
49
—
Current (ICTRL)
Input Power = 10 dBm
µA
—
1
6
Input Return Loss
Isolation State
dB
—
20
—
Current (IDD)
Input Power = 10 dBm
µA
—
1
6
Truth Table
8,9
8. Differential voltage, V(state 1) - V(state 0), must be
+2.5 V minimum and must not exceed 8.5 V.
9. 0 = 0 V ± 0.2 V, 1 = VDD = 2.5 V to 8.5 V
VCTRL
RFin
RFout
0
50 Ω Termination
Open
1
RFout
RFin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com