Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0162 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0162
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0162 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPST Switch
DC - 2.5 GHz
Rev. V3
MASWSS0162
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C
5, V
C = -5 V / 0 V, PIN = 0 dBm
Parameter
Test Conditions
Units
Min
Typ
5
Max
Insertion Loss
6
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
—
—
0.8
0.9
1.1
—
1.2
—
Isolation
6
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
45
—
65
53
40
—
—
—
VSWR On
VSWR Off
DC - 2.0 GHz
DC - 2.0 GHz
Ratio
Ratio
—
—
1.2:1
1.2:1
—
—
1 dB Compression
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
18
23
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
4
2nd Order Intercept
Measured Relative to Input Power, two-tone up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
55
68
—
—
3rd Order Intercept
Measured Relative to Input Power, two-tone up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
40
46
—
—
Ton, Toff
50% Control to 90% RF, Control to 10% RF
nS
—
8
Transients
In-Band
mV
—
35
Control Current
—
µA
—
—
25
5. All measurements with 0, -5 V control voltages at 1.0 GHz in a 50
Ω system, unless otherwise specified.
6. Typical values listed are based on average of frequency range noted.
Lead-Free SOIC-8
†
† Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com