Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT73LC00A Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT73LC00A
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00A Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT73LC00A Datasheet HTML 17Page - Exar Corporation XRT73LC00A Datasheet HTML 18Page - Exar Corporation XRT73LC00A Datasheet HTML 19Page - Exar Corporation XRT73LC00A Datasheet HTML 20Page - Exar Corporation XRT73LC00A Datasheet HTML 21Page - Exar Corporation XRT73LC00A Datasheet HTML 22Page - Exar Corporation XRT73LC00A Datasheet HTML 23Page - Exar Corporation XRT73LC00A Datasheet HTML 24Page - Exar Corporation XRT73LC00A Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
XRT73LC00A
16
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.1
AC ELECTRICAL CHARACTERISTICS (CONT’D) LINE SIDE PARAMETERS
(Ta = 25°C, Vdd = 3.3V + 5%, unless otherwise specified)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
DS3 Application Parameters
Transmit Line Characteristics (See Figure 3)
Transmit Output Pulse Amplitude (Measured at 0 feet, TXLEV = 0)
0.65
0.75
0.85
Vpk
Transmit Output Pulse Amplitude (Measured at 0 feet, TXLEV = 1)
0.9
1.0
1.1
Vpk
Transmit Output Pulse Width
10.10
11.18
12.28
ns
Transmit Output Pulse Amplitude Ratio
0.9
1.0
1.1
Transmit Output Jitter with jitter-free input clock at TCLK
0.02
0.05
UIpp
Receive Line Characteristics
Receive Sensitivity (Length of Cable)
900
1100
feet
Signal Level to Declare or Clear Loss of Signal (see Table 4)
mV
Intrinsic Jitter (All One’s Pattern)
0.01
UI
Jitter Tolerance @ Jitter Frequency = 100Hz
64
UI
Jitter Tolerance @ Jitter Frequency = 1KHz
64
UI
Jitter Tolerance @ Jitter Frequency = 10KHz
5
UI
Jitter Tolerance @ Jitter Frequency = 300KHz -- (Cat II)
0.35
0.45
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com