Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT75R12DIB Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT75R12DIB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12DIB Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT75R12DIB Datasheet HTML 9Page - Exar Corporation XRT75R12DIB Datasheet HTML 10Page - Exar Corporation XRT75R12DIB Datasheet HTML 11Page - Exar Corporation XRT75R12DIB Datasheet HTML 12Page - Exar Corporation XRT75R12DIB Datasheet HTML 13Page - Exar Corporation XRT75R12DIB Datasheet HTML 14Page - Exar Corporation XRT75R12DIB Datasheet HTML 15Page - Exar Corporation XRT75R12DIB Datasheet HTML 16Page - Exar Corporation XRT75R12DIB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
XRT75R12D
9
REV. 1.0.3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
CLOCK INTERFACE
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
R5
SFM_EN
I
Single Frequency Mode Enable
This input pin is used to configure the XRT75R12D to operate in the SFM (Sin-
gle Frequency Mode).
When this feature is invoked, the SFM Synthesizer will become active. By
applying a 12.288MHz clock signal to the STS-1Clk/12M pin, the XRT75R12D
will generate all of the appropriate clock signals (e.g., 34.368MHz, 44.736MHz
or 51.84). The XRT75R12D internal circuitry will route each of these synthe-
sized clock signals to the appropriate nodes of the corresponding channels in
the XRT75R12D.
"Low" - Disables the Single Frequency Mode. In this setting, the user is
required to supply to the E3CLK, DS3CLK or STS-1CLK input pins all of the rel-
evant clock signals that are to be used within the chip.
"High" - Enables the Single-Frequency Mode.
NOTE: This input pin is internally pulled low.
R1
E3Clk
I
E3 Clock Input (34.368 MHz ± 20 ppm)
If any one of the channels is configured in E3 mode, a reference clock of 34.368
MHz ± 20 ppm is applied to this input pin. If the LIU is used in E3 mode only,
this pin must be connected to the DS3Clk input pin to have access to the inter-
nal microprocessor.
NOTE: SFM mode negates the need for this clock
T1
DS3Clk
I
DS3 Clock Input (44.736 MHz ± 20 ppm)
If any one of the channels is configured in DS3 mode, a reference clock of
44.736 MHz ± 20 ppm is applied to this input pin.
NOTE: SFM mode negates the need for this clock
U1
STS-1Clk/12M
I
STS-1 Clock Input (51.84 MHz ± 20 ppm)
If any one of the channels is configured in STS-1 mode, a reference clock of
51.84MHz ± 20 ppm is applied to this input pin. If the LIU is used in STS-1
mode only, this pin must be connected to the DS3Clk input pin to have access
to the internal microprocessor.
Single Frequency Mode Clock Input (12.288MHz ± 20 ppm)
In Single Frequency Mode, a reference clock of 12.288 MHz ± 20 ppm is con-
nected to this pin and the internal clock synthesizer generates the appropriate
clock frequencies based on the configuration of the rates (E3, DS3 or STS-1).
C26
W22
K23
W24
J25
V25
J2
V2
K4
W3
C1
W5
CLKOUT0
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
CLKOUT5
CLKOUT6
CLKOUT7
CLKOUT8
CLKOUT9
CLKOUT10
CLKOUT11
O
Reference Clock Out
A reference clock pin is provided for each channel that will supply a precise data
rate frequency derived from either the Clock input pin (E3Clk, DS3Clk, or STS-
1Clk) or the 12.288MHz input in SFM mode. This frequency will be as stable as
the original source. It is designed to provide the attached framer with its appro-
priate reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com