Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86L30IV Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86L30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30IV Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86L30IV Datasheet HTML 17Page - Exar Corporation XRT86L30IV Datasheet HTML 18Page - Exar Corporation XRT86L30IV Datasheet HTML 19Page - Exar Corporation XRT86L30IV Datasheet HTML 20Page - Exar Corporation XRT86L30IV Datasheet HTML 21Page - Exar Corporation XRT86L30IV Datasheet HTML 22Page - Exar Corporation XRT86L30IV Datasheet HTML 23Page - Exar Corporation XRT86L30IV Datasheet HTML 24Page - Exar Corporation XRT86L30IV Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 284 page
background image
XRT86L30
10
REV. 1.0.1
SINGLE T1/E1/J1 FRAMER/LIU COMBO
TxCHN_0/
TxSig
53
O
I
Transmit Time Slot Octet Identifier Output-Bit 0
These output signals (TxCHN4_n through TxCHN0_n) reflect the five-bit binary
value of the number of the current time slot being accepted and processed by the
transmit payload data input Interface block. Terminal Equipment can use TxCHCLK
to sample the five output pins of each channel in order to identify the time slot being
processed.
Transmit Serial Signaling Bus Input
These pins can be used to input robbed-bit signaling data within an outbound DS1
frame or to input Channel Associated Signaling (CAS) bits within an outbound E1
frame.
TxCHN_1/
TxFrTD
50
I/O
Transmit Time Slot Octet Identifier Output-Bit 1
These output signals (TxCHN4_n through TxCHN0_n) reflect the five-bit binary
value of the number of Time Slot being accepted and processed by the transmit
payload data input Interface. Terminal Equipment can use TxCHCLK to sample the
five output pins of each channel in order to identify the time slot being processed.
Transmit Serial Fractional DS1/E1 Input
These pins can be used to input fractional DS1/E1 payload data within an outbound
DS1/E1 frame. In this mode, terminal equipment will use either TxCHCLK or
TxSERCLK to sample fractional DS1/E1 payload data.
TxCHN_2/
Tx12MHz
47
O
Transmit Time Slot Octet Identifier Output-Bit 2
These output signals (TxCHN4_n through TxCHN0_n) reflect the five-bit binary
value of the number of Time Slot being accepted and processed by the transmit
payload data input Interface block. Terminal Equipment can use TxCHCLK to sam-
ple the five output pins of each channel in order to identify the time slot being pro-
cessed. If TxCHN1_n is configured as TxFrTD_n to input fractional DS1/E1
payload data, the TxCHN2_n pin will serially output the five-bit binary value of the
number of the Time Slot being accepted and processed.
Transmit 12.352MHz Clock Output
These pins can be used to output 12.352MHz/16.384MHz clock derived from the
MCLKIN input pin.
TxCHN_3/
TxOHSync
46
O
Transmit Time Slot Octet Identifier Output-Bit 3:
These output signals (TxCHN4_n through TxCHN0_n) reflect the five-bit binary
value of the number of Time Slot being accepted and processed by the transmit
payload data input Interface block. Terminal Equipment can use TxCHCLK to sam-
ple the five output pins of each channel in order to identify the time slot being pro-
cessed.
Transmit Overhead Synchronization Pulse
These pins can be used to output an Overhead Synchronization Pulse that indi-
cates the first bit of each multi-frame.
TxCHN_4
45
O
Transmit Time Slot Octet Identifier Output-Bit 4:
These output signals (TxCHN4_n through TxCHN0_n) reflect the five-bit binary
value of the number of Time Slot being accepted and processed by the transmit
payload data input Interface block. Terminal Equipment can use TxCHCLK to sam-
ple the five output pins of each channel in order to identify the time slot being pro-
cessed.
TRANSMIT SERIAL DATA INPUT
SIGNAL NAME
PIN #
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com