Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86VL30 Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT86VL30_08 Datasheet HTML 54Page - Exar Corporation XRT86VL30_08 Datasheet HTML 55Page - Exar Corporation XRT86VL30_08 Datasheet HTML 56Page - Exar Corporation XRT86VL30_08 Datasheet HTML 57Page - Exar Corporation XRT86VL30_08 Datasheet HTML 58Page - Exar Corporation XRT86VL30_08 Datasheet HTML 59Page - Exar Corporation XRT86VL30_08 Datasheet HTML 60Page - Exar Corporation XRT86VL30_08 Datasheet HTML 61Page - Exar Corporation XRT86VL30_08 Datasheet HTML 62Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
XRT86VL30
59
REV. 1.0.3
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PACKAGE DIMENSIONS FOR 80 LQFP
4
E
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
A
0.055
0.063
1.40
1.60
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.007
0.011
0.17
0.27
C
0.004
0.008
0.09
0.20
D
0.543
0.559
13.80
14.20
D1
0.465
0.480
11.80
12.20
e
0.0197 BSC
0.50 BSC
L
0.018
0.030
0.45
0.75
α
0°
7°
0°
7°
INCHES
MILLIMETERS
Note: The control dimension is in the millimeter column
80 LEAD LOW-PROFILE QUAD FLAT PACK
(12 x 12 X 1.4 mm LQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com