Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86VL32IB Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 67Page - Exar Corporation XRT86VL32IB Datasheet HTML 68Page - Exar Corporation XRT86VL32IB Datasheet HTML 69Page - Exar Corporation XRT86VL32IB Datasheet HTML 70Page - Exar Corporation XRT86VL32IB Datasheet HTML 71Page - Exar Corporation XRT86VL32IB Datasheet HTML 72Page - Exar Corporation XRT86VL32IB Datasheet HTML 73Page - Exar Corporation XRT86VL32IB Datasheet HTML 74Page - Exar Corporation XRT86VL32IB Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 154 page
background image
XRT86VL3X
64
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XY: The Xth payload bit of Channel Y
AY: The signaling bit A of Channel Y
3. After the first octet of all four channels are sent, the local Terminal Equipment start sending the second
octets following the same rules of Step 1 and 2.
The Transmit Single-frame Synchronization signal of Channel 0 pulses HIGH for one clock cycle at the first bit
position of the multiplexed data stream with data from Channel 0-3 multiplexed together. The Transmit Single-
frame Synchronization signal of Channel 4 pulses HIGH for one clock cycle at the first bit position of the data
stream with data from Channel 4-7 multiplexed together. By sampling the HIGH pulse on the Transmit Single-
frame Synchronization signal, the framer can position the beginning of the multiplexed E1 frame. It is the
responsibility of the Terminal Equipment to align the multiplexed transmit serial data with the Transmit Single-
frame Synchronization pulse.
Inside the framer, all the "don't care" bits will be stripped away. The framing bits, signaling and payload data are
de-multiplexed inside the XRT86VL3x device and send to each individual channel. These data will be
processed by each individual framer and send to LIU interface. The local Terminal Equipment provides a free-
running 2.048MHz clock to the Transmit Serial Input clock of each channel. The framer will use this clock to
carry the processed payload and signaling data to the transmit section of the device. Figure 69 shows how to
connect the Transmit multiplexed high-speed Input Interface block to local Terminal Equipment. Figure shows
the timing signals when framer is running at 16.384MHz Bit-Multiplexed mode.
HMVIP/ H100 16.384Mbit/s Byte-Multiplexed Mode
When the Transmit Multiplex Enable bit is set to one and the Transmit Interface Mode Select [1:0] bits are set
to 10, the Transmit Back-plane interface of framer is running at HMVIP 16.384MHz. When Transmit Interface
Mode Select[1:0] bits are set to 11, the Transmit Back-plane interface is running at H100 16.384MHz mode.
The Transmit Back-plane Interface is accepting data through TxSer_0 or TxSer_4 pins at 16.384Mbit/s. The
local Terminal Equipment multiplexes payload data of every four channels into one data stream. Payload data
of Channel 0-3 are multiplexed onto the Transmit Serial Data pin of Channel 0. Payload data of Channel 4-7
are multiplexed onto the Transmit Serial Data pin of Channel 4.
Free-running clocks of 16.384MHz is supplied to the Transmit Input Clock pin of Channel 0 and Channel 4 of
the framer. The local Terminal Equipment provides multiplexed payload data at rising edge of this Transmit
Input Clock. The Transmit High-speed Back-plane Interface of the framer then latches incoming serial data at
falling edge of the clock.
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
60
B0
61
B1
62
B2
63
B3
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
70
C0
71
C1
72
C2
73
C3
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
80
D0
81
D1
82
D2
83
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com