Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP504 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 4 Page - Exar Corporation

  SP504 Datasheet HTML 1Page - Exar Corporation SP504 Datasheet HTML 2Page - Exar Corporation SP504 Datasheet HTML 3Page - Exar Corporation SP504 Datasheet HTML 4Page - Exar Corporation SP504 Datasheet HTML 5Page - Exar Corporation SP504 Datasheet HTML 6Page - Exar Corporation SP504 Datasheet HTML 7Page - Exar Corporation SP504 Datasheet HTML 8Page - Exar Corporation SP504 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
SPECIFICATIONS
T
A = +25°C and VCC = +5.0V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
V.35 RECEIVER (continued)
Input
Differential Threshold
+/-80
mV
Input Impedance
90
00
0
Ω
Short-Circuit Impedance
35
50
65
Ω
V
IN = +2V to -2V
Max. Transmission Rate
0
Mbps
Propagation Delay t
PHL
00
30
200
ns
T
A @ 25°C and VCC = +5V only
Figures 3b and 7; A is inverting and
B is non-inverting.
Propagation Delay t
PLH
00
30
200
ns
DIfferential Receiver Skew
30
ns
|t
PHL - tPLH|; TA @ 25°C
RS-422 DRIVER (V.11)
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
Open circuit Voltage, V
O
+/-6.0
Volts
R
L = 3.9kΩ
Differential Output, V
T
+/-2.0
+/-5.0
Volts
R
L = 100Ω
0.5V
O
0.67V
O
Volts
T
A @ 25°C
Balance
+/-0.4
Volts
|V
T| - |VT|
Offset
+3.0
Volts
Short Circuit Current
+/-50
mA
V
OUT = 0V
Power Off Current
+/-00
µA
V
CC = 0V, VOUT = +/-0.25V
Transition Time
20
40
ns
Rise/Fall time, 0% - 90%
Max. Transmission Rate
0
Mbps R
L = 100Ω; Figure 3a
Propagation Delay t
PHL
50
80
00
ns
T
A @ 25°C and VCC = +5V only
Figures 3a and 5; R
DIFF = 100Ω
Propagation Delay t
PLH
50
80
00
ns
Differential Skew
20
40
ns
|t
PHL - tPLH|; TA @ 25°C
RS-422 RECEIVER (V.11)
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
+0.2
+6.0
Volts
(a)-(b)
LOW Threshold
-6.0
-0.2
Volts
(a)-(b)
Common Mode Range
-7.0
+7
Volts
HIGH Input Current
Refer to Receiver input graph
LOW Input Current
Refer to Receiver input graph
Receiver Sensitivity
+/-0.3
Volts
V
CM = +7V to -7V
Input Impedance
4
kΩ
V
IN = +0V to -0V
Max. Transmission Rate
0
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com