| Electronic Components Datasheet Search |
|
SP3070EEN-L/TR Datasheet(PDF) 13 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
SP3070EEN-L/TR Datasheet(HTML) 13 Page - Exar Corporation |
|
13 / 20 page ![]() 13 Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com SP3070E-SP3078E_100_061109 PIN DESCRIPTION FULL DUPLEX DEVICES HALF DUPLEX DEVICES PIN NAME PIN FUNCTION SP3070E SP3071E SP3072E SP3073E SP3074E SP3075E SP3076E SP3077E SP3078E PIN NUMBER 2 2 1 RO Receiver Output. When RE is low and if (A – B) ≥ -50mV, RO is High. If (A – B) ≤ - 200mV, RO is low. 3 - 2 RE Receiver Output Enable. When RE is low, RO is enabled. When RE is high, RO is high impedance. RE should be high and DE low to enter shutdown mode. RE is a hot- swap input. 4 - 3 DE Driver Output Enable. When DE is high, outputs are enabled. When DE is low, outputs are high impedance. DE should be low and RE high to enter shutdown mode. DE is a hot-swap input. 5 3 4 DI Driver Input. With DE high, a low level on DI forces noninverting output low and inverting output high. Similarly, a high level on DI forces noninverting output high and inverting output low. 6, 7 4 5 GND Ground 9 5 - Y Noninverting Driver Output 10 6 - Z Inverting Driver Output 11 7 - B Inverting Receiver Input - - 7 B Inverting Receiver Input and Inverting Driver Output 12 8 - A Noninverting Receiver Input - - 6 A Noninverting Receiver Input and Noninverting Driver Output 14 1 8 V CC Positive Supply V CC . Bypass VCC to GND with a 0.1uF capacitor. 1, 8, 13 - - NC No Connect |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |