Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6134HCU-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6134HCU-L/TR
Description  High Voltage, 600kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6134HCU-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP6134HCU-L/TR Datasheet HTML 1Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 2Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 3Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 4Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 5Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 6Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 7Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 8Page - Exar Corporation SP6134HCU-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
S
SP
P6
61
13
34
4H
H
H
Hiig
gh
h V
Vo
olltta
ag
ge
e,, 6
60
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
Controller
Controller
© 2008 Exar Corporation
2/15
Rev. 2.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Vcc .......................................................................... 7V
BST ...................................................................... 33V
BST-SWN ......................................................-0.3 to 7V
SWN ............................................................-1V to 30V
GH................................................... -0.3V to BST+0.3V
GH-SWN.................................................................. 7V
All other pins ..................................... -0.3V to VCC+0.3V
GH, GL peak output current <10us..............................2A
Storage Temperature ..............................-65°C to 150°C
Power Dissipation.................................Internally Limited
ESD Rating BST Pin (HBM - Human Body Model)...... 1.5kV
ESD Rating All Other Pins (HBM) ............................... 2kV
Thermal Resistance θJA ....................................41.9°C/W
Operating Voltage Range ................................ 3V to 28V
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, Vcc = 4.5V to 5.5V, BST= Vcc, SWN=GND=0V, UVIN=3V, CVcc = 10µF,
CCOMP=0.1uF, CGH=CGL=3.3nF, CSS=50nF, TA= –40°C to 85°C (SP6134HEU) or TA= –0°C to 70°C (SP6134HCU).
Parameter
Min.
Typ.
Max.
Units
Conditions
VCC Supply Current
1.5
3
mA
VFB =0.9V (No switching)
BST Supply Current
0.2
0.4
mA
•
VFB =0.9V (No switching)
VCC UVLO Start Threshold
4.00
4.25
4.50
V
•
VCC UVLO Hysteresis
100
200
300
mV
UVIN Start Threshold
2.30
2.50
2.65
V
•
UVIN Hysteresis
260
300
390
mV
UVIN Input Current
1
uA
UVIN=3.0V
Error Amplifier Reference
0.792
0.800
0.808
V
2X Gain Config., Measure VFB, VCC=5V,
T=25°C
Error Amplifier Reference
Over Line and Temperature
0.788
0.800
0.812
V
•
Error Amplifier
Transconductance
6
mS
Error Amplifier Gain
60
dB
No Load
COMP Sink Current
150
uA
VFB=0.9V, COMP=0.9V
COMP Source Current
150
uA
VFB=0.7V, COMP=2.2V
VFB Input Bias Current
50
200
nA
•
VFB=0.8V
Internal Pole
4
MHz
COMP Clamp
2.5
V
VFB=0.7V, TA = 25°C
COMP Clamp Temp. Coefficient
-2
mV/°C
Ramp Amplitude
0.92
1.10
1.28
V
•
RAMP Offset
1.1
V
TA = 25°C, RAMP COMP until GH starts
switching
RAMP Offset Temp. Coefficient
-2
mV/°C
GH Minimum Pulse Width
90
180
ns
•
Maximum Controllable Duty
Ratio
92
97
%
•
Maximum Duty Ratio Measured just
before pulse skipping begins
Maximum Duty Ratio
100
%
Valid for 20 Cycles
Internal Oscillator Frequency
510
600
690
kHz
•
SS Charge Current:
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com