Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6137EU-L/TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6137EU-L/TR
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137EU-L/TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6137EU-L/TR Datasheet HTML 6Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 7Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 8Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 9Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 10Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 11Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 12Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 13Page - Exar Corporation SP6137EU-L/TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
10/15
Rev. 2.0.0
MOSFET SELECTION
The losses associated with MOSFETs can be
divided into conduction and switching losses.
Conduction losses are related to the on
resistance of MOSFETs, and increase with the
load current. Switching losses occur on each
on/off
transition
when
the
MOSFETs
experience both high current and voltage.
Since the bottom MOSFET switches current
from/to a paralleled diode (either its own body
diode or a Schottky diode), the voltage across
the MOSFET is no more than 1V during
switching transition. As a result, its switching
losses are negligible. The switching losses are
difficult to quantify due to all the variables
affecting turn on/ off time. However, the
following equation provides an approximation
on the switching losses associated with the top
MOSFET driven by SP6137.
()
(
)
() S
OUT
IN
rss
SH
F
I
V
C
P
max
max
max
12
=
where
Crss = reverse transfer capacitance of the top
MOSFET
Switching losses need to be taken into account
for high switching frequency, since they are
directly proportional to switching frequency.
The conduction losses associated with top and
bottom MOSFETs are determined by:
()
( )
(
) D
I
R
P
OUT
ON
DS
CH
2
max
max =
()
( )
(
) ()
D
I
R
P
OUT
ON
DS
CL
−
=
1
2
max
max
where
PCH(max) = conduction losses of the high side
MOSFET
PCL(max) = conduction losses of the low side
MOSFET
RDS(ON) = drain to source on resistance.
The total power losses of the top MOSFET are
the sum of switching and conduction losses.
For synchronous buck converters of efficiency
over 90%, allow no more than 4% power
losses for high or low side MOSFETs. For input
voltages of 3.3V and 5V, conduction losses
often dominate switching losses. Therefore,
lowering the RDS(ON) of the MOSFETs always
improves efficiency even though it gives rise
to higher switching losses due to increased
Crss.
Top and bottom MOSFETs experience unequal
conduction losses if their on time is unequal.
For applications running at large or small duty
cycle, it makes sense to use different top and
bottom
MOSFETs.
Alternatively,
parallel
multiple MOSFETs to conduct large duty
factor.
RDS(ON) varies greatly with the gate driver
voltage. The MOSFET vendors often specify
RDS(ON) on multiple gate to source voltages
(VGS), as well as provide typical curve of
RDS(ON) versus VGS. For 5V input, use the
RDS(ON) specified at 4.5V VGS. At the time of
this publication, vendors, such as Fairchild,
Siliconix and International Rectifier, have
started to specify RDS(ON) at VGS less than
3V. This has provided necessary data for
designs in which these MOSFETs are driven
with 3.3V and made it possible to use SP6137
in 3.3V only applications.
Thermal calculation must be conducted to
ensure the MOSFET can handle the maximum
load current. The junction temperature of the
MOSFET, determined as follows, must stay
below the maximum rating.
()
()
()
JA
MOSFET
A
J
R
P
T
T
θ
max
max
max
+
=
where
TA(max) = maximum ambient temperature
PMOSFET(max) = maximum power dissipation
of the MOSFET
RΘJA
=
junction
to
ambient
thermal
resistance.
RΘJA of the device depends greatly on the
board layout, as well as device package.
Significant
thermal
improvement
can
be
achieved in the maximum power dissipation
through the proper design of copper mounting
pads on the circuit board. For example, in a
SO-8 package, placing two 0.04 square inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com