Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP707EN-L/TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP707EN-L/TR
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP707EN-L/TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP707EN-L/TR Datasheet HTML 6Page - Exar Corporation SP707EN-L/TR Datasheet HTML 7Page - Exar Corporation SP707EN-L/TR Datasheet HTML 8Page - Exar Corporation SP707EN-L/TR Datasheet HTML 9Page - Exar Corporation SP707EN-L/TR Datasheet HTML 10Page - Exar Corporation SP707EN-L/TR Datasheet HTML 11Page - Exar Corporation SP707EN-L/TR Datasheet HTML 12Page - Exar Corporation SP707EN-L/TR Datasheet HTML 13Page - Exar Corporation SP707EN-L/TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
10
Typically, WDO will be connected to the
non-maskable interrupt input (NMI) of a
µP.
When V
CC drops below the reset threshold,
WDO will go LOW whether or not the watch-
dog timer has timed out. Normally this would
trigger an NMI but RESET goes LOW simulta-
neously, and thus overrides the NMI.
If WDI is left unconnected, WDO can be used as
a low-line output. Since floating WDI disables
the internal timer, WDO goes LOW only when
V
CC falls below the reset threshold, thus func-
tioning as a low-line output.
Figure 14. SP705/706/813L Watchdog Timing Waveforms
Figure 15. SP705/706 Timing Diagrams with WDI Tri-stated. The SP707/708/813L RESET Output is the Inverse
of the RESET Waveform Shown.
tRS
RESET*
WDO
0V
+5V
WDI
RESET*
0V
+5V
0V
+5V
0V
+5V
tWD
tWD
tWD
tWP
* externally triggered LOW by MR,
RESET is for the SP813L only
VCC
RESET
0V
+5V
0V
+5V
0V
+5V
tRS
tRS
tMR
0V
+5V
MR*
WDO
VRT
VRT
*externally driven LOW
tMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com