Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP7612EC6-L/TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP7612EC6-L/TR
Description  Low Dropout Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7612EC6-L/TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP7612EC6-L/TR Datasheet HTML 6Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 7Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 8Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 9Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 10Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 11Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 12Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 13Page - Exar Corporation SP7612EC6-L/TR Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Jan 09 -08 RevT
SP7612/7614 Low Dropout Linear LED driver
© 2008 EXAR Corporation
Page 10
SP7612 SP7614
APPLICATION INFORMATION
Setting the LED Current
The LED current is controlled by
ICONTROL and
RSET according to the following formula:
ILED = Gain X (VCONTROL - VCTRL) / RSET
Gain depends on mode of operation
VCONTROL is the voltage going into RSET
VCTRL is the voltage at the pin of the device
The voltage VCTRL can be determined using the
ISET vs Control voltage graph located in the typical
performance
characteristics
section.
As
an
example, to set the LED current for an SP761x the
procedure is:
Take the LED current and divide it by the Gain to
get
ISET = ILED / Gain.
Look up the VCTRL pin voltage using
ISET on the
graph “Ctrl Current vs. Control Voltage”.
Once VCTRL is known, use the following formula to
find RSET. The gain is not linear, the LED current
vs. Cathode voltage graph needs to be used to
determine gain. Typically, the gain is ~870 for
SP7614 and ~435 for SP7612 when the part is
operating in the linear region.
RSET = (VCONTROL - VCTRL) /
ISET
RSET Example
For an SP7614 with VCONTROL of 3V and LED
current of 20mA.
ISET = 20mA/870 (870 is the typical gain in linear
operation) = 22uA.
Using the graph on page 5 in the typical
performance section, the VCTRL voltage on the
control pin will be about 1.1V, then RSET will be
determined by:
RSET = (3V - 1.1V) / 22uA
RSET = 86KΩ
PWM FUNCTION
The LED's brightness can also be
adjusted by driving either the ENABLE or the
CTRL pin with a PWM signal. The driving signal
frequency should be greater than 100Hz to avoid
flickering, increasing to more than 1MHz, if
necessary.
Temperature Considerations
LEDs are very sensitive to temperature. In most
cases the maximum allowed junction temperature
is 100ºC. The case of overtemperature due to
power dissipation is de-scribed by the following:
TJ = TA + ӨJA x I x VF
where TJ is the LED junction temperature,
TA is the ambient temperature,
ӨJA is the junction to ambient thermal resistance,
I is the LED current and
VF is the LED forward voltage.
When the temperature rises and the cathode
voltage increases, SP7612/4 reduces the current
through LEDs. Refer to "LED Current vs. LED
Cathode Voltage" graph under the Typical
Performance Characteristics section.
Efficiency
The system efficiency, defined as the ratio
between the LED's power and the input supplied
power can be calculated as follows:
Efficiency = (VIN - VCATHODE) / VIN
The lower the VCATHODE , the higher the system
efficiency. Efficiency can be further improved
using a higher VIN with more LEDs as shown in
example 3. The SP7612/4 driver's low dropout
architecture
can
significantly
improve
the
efficiency compared to using simple ballast
resistors.
Application Information
The ultra-low voltage drop across the SP7612/4
series of LED drivers allows the devices to drive
white, blue, and other color LEDs in a wide range
of input voltages. The driver can be used in many
applications. Any of the SP7612/4 series of LED
drivers can be used in the applications presented
in this document, due to their similar operation.
Example 1:
Drive low VF white or blue LEDs directly from
single cell Li-
Ion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com