Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC23M28 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC23M28
Description  8KBIT MEMORY CARD IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC23M28 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC23M28 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SC23M28
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 5 of 10
3. Instruction description
3.1
Erase/write operation
1)
Erase or write with protect bit
The write protect bit is active as long as you write the data, and this unit is only readable.
2)
Erase or write without protect bit.
Write the data but not set the protect bit, so this unit can still be erased and written.
3)
Write protect bit with data comparison
When the command is executed, it will compare the data and the content of the destination address
unit, if the contents are the same, then write “0”to the corresponding address unit; if the contents are
different, do nothing.
The chip can execute 3 erase and write operation:
Erase and write (Last 203 clock cycles) (Figure3);
Only Write: used for some bits of 1 byte data change from “1”to “0”(Last 103 clock cycles)(Figure4);
Only Erase: data is FF (Last 103 clock cycles) (Figure4).
If error occurs when erase or write data, I/O port will change from high level to low level at the
raising edge of the third clock cycle. (Figure5).
Figure3 Erase and write time sequence
Figure4 Only Erase or only Write time sequence



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com