Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP7616 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616 Datasheet(HTML) 4 Page - Exar Corporation

  SP7616 Datasheet HTML 1Page - Exar Corporation SP7616 Datasheet HTML 2Page - Exar Corporation SP7616 Datasheet HTML 3Page - Exar Corporation SP7616 Datasheet HTML 4Page - Exar Corporation SP7616 Datasheet HTML 5Page - Exar Corporation SP7616 Datasheet HTML 6Page - Exar Corporation SP7616 Datasheet HTML 7Page - Exar Corporation SP7616 Datasheet HTML 8Page - Exar Corporation SP7616 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
4/11
Rev. 2.0.4
PIN ASSIGNMENT
Fig. 3: SP7616 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
VIN
1
Input voltage for the IC. Connect a 1uF decoupling capacitor between this pin and
ground.
PWM
2
This pin must be held high to enable the output drivers. It can be used for PWM
dimming up to 5 kHz.
ISET
3
Connect resistor RSET from this pin to ground to set output current. Pulling this pin
above the shutdown threshold stated in the Electrical Specifications puts the IC into
shutdown mode.
GND
4
Ground return for LED currents and circuitry of the SP7616.
LED1-4
5 - 8
Connect an LED between each pin and VIN. Current value is controlled by RSET. The
current level through each pin is internally matched within 3%. Connect unused
channel(s) to GND to save current consumption.
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP7616ER-L
-40°C≤TJ≤+125°C
8pin 2x3DFN
Bulk
Lead Free and/or
Halogen Free
SP7616ER-L/TR
-40°C≤TJ≤+125°C
8pin 2x3DFN 3K/Tape & Reel
Lead Free and/or
Halogen Free
SP7616EB
SP7616 Evaluation Board
“YY” = Year – “WW” = Work Week – “X” = Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com