Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC74HC595 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC74HC595
Description  8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC74HC595 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC74HC595 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC74HC595
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.19
Http
: www.silan.com.cn
Page 3 of 13
DC ELECTRICAL CHARACTERISTICS (Tamb=-40~85°C)
Testing conditions
Characteristics
Symbol
VCC(V)
Conditions
Min.
Typ.
Max.
Unit
2.0
1.5
--
--
4.5
3.15
--
--
High Level Input
Voltage
VIH
6.0
4.2
--
--
V
2.0
--
--
0.5
4.5
--
--
1.35
Low Level Input
Voltage
VIL
6.0
--
--
1.8
V
2.0
1.9
--
--
4.5
4.4
--
--
6.0
IO=-20
µA
5.9
--
--
4.5
IO=-4.0mA
4.13
--
--
High Level Output
Voltage ( OH’
)
VOH
6.0
VIN=VIH or VIL
IO=-5.2mA
5.63
--
--
V
2.0
1.9
--
--
4.5
4.4
--
--
6.0
IO=-20
µA
5.9
--
--
4.5
IO=-6.0mA
4.13
--
--
High Level Output
Voltage (QA~QH)
VOH
6.0
VIN=VIH or VIL
IO=-7.8mA
5.63
--
--
V
2.0
--
--
0.1
4.5
--
--
0.1
6.0
IO=20
µA
--
--
0.1
4.5
IO=4.0mA
--
--
0.33
Low Level Output
Voltage (OH’
)
VOL
6.0
VIN=VIH or VIL
IO=5.2mA
--
--
0.33
V
2.0
--
--
0.1
4.5
--
--
0.1
6.0
IO=20
µA
--
--
0.1
4.5
IO=6.0mA
--
--
0.33
Low Level Output
Voltage (QA~QH)
VOL
6.0
VIN=VIH or VIL
IO=7.8mA
--
--
0.33
V
Input Leakage Current
II
6.0
VIN=VCC or GND
--
--
±0.1
µA
Tri-state Output
Current
IOZ
6.0
VIN= VIH or VIL
VOUT=VCC or GND
--
--
±0.5
µA
Quiescent Supply
Current
ICC
6.0
VIN=VCC or GND
--
--
4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com