Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC7106RCPL Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC7106RCPL
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7106RCPL Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC7106RCPL Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7106RCPL Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 1 of 22
31/2 DIGITS, LCD/LED DISPLAY , A/D CONVERTERS FOR DMM
DESCRIPTION
The SC7106 and SC7107 are high performance, low power, 3
1/
2 digit
A/D converters. Included are seven segment decoders, display drivers, a
reference, and a clock. The SC7106 is designed to interface with a liquid
crystal display (LCD) and includes a multiplexed backplane drive; the
SC7107 will directly drive an instrument size light emitting diode (LED)
display.
The SC7106 and SC7107 bring together a combination of high
accuracy, versatility, and true economy. It features auto-zero to less than
10
µV, zero drift of less than 1µV/°C, input bias current of 10pA (Max),
and rollover error of less than one count. True differential inputs and
reference are useful in all systems, but give the designer an uncommon
advantage when measuring load cells, strain gauges and other bridge
type transducers. Finally, the true economy of single power supply
operation (SC7106), enables a high performance panel meter to be built
with the addition of only 10 passive components and a display.
ORDERING INFORMATION
Part No.
Temp. Range(
°C)
Package
SC7106CPL
0~70
DIP-40-600-2.54
SC7106RCPL
0~70
DIP-40-600-2.54
SC7106
0~70
QFP-44-10X10-0.8
SC7107CPL
0~70
DIP-40-600-2.54
SC7107RCPL
0~70
DIP-40-600-2.54
SC7107
0~70
QFP-44-10X10-0.8
NOTE: “R”indicates device with reversed leads for mounting to PC board
underside.
DIP-40-600-2.54
QFP-44-10 x10-0.8
FEATURES
* Guaranteed zero reading for 0V
input on all scales
* True polarity at zero for precise
null detection
* Low power dissipation-typically
less than 10mW
* True differential input and
reference, direct display drive-
LCD SC7106, LED SC7107
* Low noise (less than 15
µVp-p)
* On chip clock and reference
* 1pA typical input current
* No additional active circuits
required


Similar Part No. - SC7106RCPL

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7106 FAIRVIEW-SC7106 Datasheet
627Kb / 3P
SMA Female Bulkhead Connector Pin Terminal Solder Attachment
REV 1.2A
More results

Similar Description - SC7106RCPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
3 1/2 Digit, LCD/LED Display, A/D Converters
September 15, 2005
logo
Unisonic Technologies
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
3쩍 Digit, LCD/LED Display, A/D Converters
December 1, 2005
logo
Silan Microelectronics ...
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com