Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC8562 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC8562
Description  DIGITAL ALARM CLOCK WITH LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8562 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SC8562 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC8562
AM
PM
a
b
c
d
e
f
g
Conol
The drive phase 1. The colon always flashes at 1 Hz rate.
3. OSC circuit
By connecting a resistor and a capacitor with the CR INPUT pin, a 2.4 kHz OSC circuit is formed, The
clock signal generated by the 2.4 kHz OSC circuit is used in the following cases.
(1) Used as the clock signal for the time counter, instead of 50/60 Hz INPUT, when the power-down mode
is entered.
(2) Alarm sound (1200Hz or 600 Hz) at the alarm signal output mode.
(3) 1/25 duty clock signal while the dimmer is in operation.
4. Power-Down Mode
(1) Since the backup OSC circuit holds the current time, the SC8562 starts operating immediately.
(2) The snooze function stops operating.
(3) The RADIO pin is brought to the OFF state.
(4) The control input is inhibited (except the following).
• OFF INPUT
• ALARM/SLEEP TIME SET INPUT at the time setting enable mode
5. Alarm
The SC8562 contains two alarms on a 24-hour basis.
Alarm 1….. Superposition of 600 Hz and 1 Hz
Alarm 2 …. Superposition of 1200 Hz and 1 Hz
6-minutes snooze
The alarm output duration time is 59 minutes. The 59-minute duration counter is common to the alarm 1,
alarm 2, and sleep timer.
6. Time Setting, Dimmer
The 3-level input TIME_SET pin provides the following operations.
TIME_SET pin Input
Operations
AC(50/60 Hz or more)
Fast-up
VDD
DC(20 ms min.)
Slow-up
OPEN
No operation
AC(50/60 Hz or more)
Fast-down
VSS
DC(20 ms min.)
Slow-down
Setting Contents
Fast-up/down
50/60 Hz rate
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV: 1.1
2008.04.29
Http://www.silan.com.cn
Page 6 of 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com