Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16426 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC16426
Description  64-BIT LED STATIC DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16426 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC16426 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SC16426
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.07.18
Http: //www.silan.com.cn
Page 3 of 7
Pin no.
Name
Descriptions
41
CEB
Serial enable which is low active
42
GND
Ground
43~46
SEG32~35
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
47
GND
Ground
48~55
SEG36~43
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
56
GND
Ground
57~64
SEG44~51
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
65
GND
Ground
66~73
SEG52~59
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
74
GND
Ground
75~78
SEG60~63
Segment drive, drive current is 22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
79
CLR
Clear display(do not clear display memory), and low active
80
CLK
Communication clock which is rising edge active (the maximum operating
frequency is 500KHz).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com