Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD42524 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SD42524
Description  1A High Power LED Driver with 6~36V Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD42524 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SD42524 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD42524 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SD42524
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.06.26
Http://www.silan.com.cn
Page 2 of 11
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VIN
40
V
Switch Voltage
VSW
-1~VIN+1
V
PWM Voltage
VPWM
-0.3~6
V
Comp Voltage
VCOMP
-0.3~6
V
SENSE voltage
VSENSE
-0.3~VIN
V
Junction Temperature
Tj
150
°C
Lead Temperature
TL
260
°C
Storage Temperature
TSTG
-65~150
°C
Input Voltage
VIN
6~40
V
Operating Temperature
TOPR
-40~125
°C
ELECTRICAL CHARACTERISTICS(Unless otherwise specified, VIN=12V,IOUT=700mA,Tamb=25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VIN
6
36
V
Operating Current
IIN
VCC=6/40V, VPWM=5V
1.5
2.0
mA
Upper Switch Leakage
IL
VSW=36V
0
5
μA
Current Limit
ILIM
VIN=SENSE=12V
1.6
1.9
2.2
A
Maximum Duty Cycle
Dmax
3LED, VIN=9V
--
93
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com