Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA4ST1230 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST1230
Description  Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST1230 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4ST1230 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST1230 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST1230 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST1230 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST1230 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Low Tuning Voltage / Low Rs Silicon Hyperabrupt
Varactor Diode
Rev. V8
MA4ST1200 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
1.
The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2.
Capacitance @ 1 MHz
3.
Series Resistance @ 100 MHz
Typical Capacitance vs. Biasing Voltage
3
Typical Capacitance Change vs. Temperature
-4%
-2%
0%
2%
4%
-40
-15
10
35
60
85
Temperature (degree C)
0.00
0.20
0.40
0.60
0.80
1.00
0.00.5
1.01.5
2.02.5
3.0
Biasing Voltage (V)
MA4ST1240/1241 / MAVR-001240
MA4ST1230/1231 MAVR-001230
Typical Rs vs Biasing Voltage
RoHs Compliant
Part Number Base
1
Ct
(pF)
2
Capacitance
Ratio
Rs
3
(Ohm)
VR = 0.5V
VR = 2.0V
VR = 4.0V
Ct0.5/Ct4.0
VR = 2.0 V
Typ.
Min.
Nom.
Max.
Typ.
Typ.
Typ.
Max.
MA4ST1230
MA4ST1231
MAVR-001230-XXXXX
10.1
4.2
4.7
5.6
2.75
3.67
0.40
0.70
MA4ST1240
MA4ST1241
MAVR-001240-XXXXX
7.1
3.0
3.4
3.8
2.05
3.46
0.40
0.70
Part No.
Base
1
0
2
4
6
8
10
12
012
345
Biasing Voltage (V)
MA4ST1230/1231 /MAVR-001230
MA4ST1240/1241 /MAVR-001240
Specifications subject to change without prior notification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com