Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAADSS0013SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0013SMB
Description  Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0013SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0013SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0013SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0013SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0013SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 4-Bit, Single Control
15 dB, 0.05 - 4.0 GHz
Rev. V1
MAADSS0013
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Integrated Logic
• Positive Single Control
• Insertion Loss: 1 dB @ 1.0 GHz
• IP3: 42 dBm typical @ 2.0 GHz
• Attenuation Accuracy: 0.2 dB + 2% @ 1.0 GHz
• 1-dB Attenuation Steps to 15 dB
• Low DC Power Consumption
• Lead-Free 3mm PQFN-16LD Plastic Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAADSS0013 is a 4-bit, 1-dB step
GaAs MMIC digital attenuator in a lead-free 3mm
PQFN-16LD surface mount plastic package. The
MAADSS0013 is ideally suited for use where high
accuracy, very low power consumption and low
intermodulation
products
are
required.
Typical
applications include radio, cellular, wireless LANs,
GPS equipment and other gain / level control
circuits.
The MAADSS0013 is part of a digital attenuator
family.
This
family
includes
4,
5, and 6
bit
attenuators with 0.5, 1, or 2 dB steps and up to 31.5
range.
Functional Schematic 3
3. Blocking capacitors are required on all RF ports.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power
0.5 - 4.0 GHz
+33 dBm
Control Voltage
-0.5 V < VC < 5.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VDD
9
N/C or GND
2
RF In/Out
10
N/C or GND
3
N/C or GND
11
RF In/Out
4
Ext. C to GND
12
N/C or GND
5
Ext. C to GND
13
V8 (8 dB Bit)
6
Ext. C to GND
14
V4 (4 dB Bit)
7
N/C or GND
15
V2 (2 dB Bit)
8
Ext. C to GND
16
V1 (1 dB Bit)
Ordering Information 1,2
Part Number
Package
MAADSS0013TR-3000
3000 piece reel
MAADSS0013SMB
Sample Board
MAADSS0013TR-1000
1000 piece reel
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAADSS0013SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0013SMB MA-COM-MAADSS0013SMB Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
More results

Similar Description - MAADSS0013SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com