Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAADSS0016SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016SMB
Description  Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Integrated Logic
 Positive Single Control
 Insertion Loss: 1.5 dB @ 1.0 GHz
 IP3: >40 dBm typical @ 2.0 GHz
 Attenuation Accuracy: 0.3 dB + 1% @ 1.0 GHz
 1-dB Attenuation Steps to 31 dB
 Low DC Power Consumption
 Lead-Free 3mm PQFN-16LD Plastic Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Re-flow Compatible
Description
The MAADSS0016 is a 5-Bit, 1dB step GaAs MMIC
digital attenuator in a lead-free 3mm 16 lead PQFN
surface mount plastic package. This device is ideally
suited for use where high accuracy, very low power
consumption and low intermodulation products are
required.
Typical applications include radio, cellular, wireless
LANs, GPS equipment and other gain / level control
circuits.
The MAADSS0016 is part of a digital attenuator
family.
This
family
includes
4,
5, and 6
bit
attenuators with 0.5, 1, or 2 dB steps and up to 31.5
range.
Functional Schematic 3,4
3. Blocking capacitors are required on all RF ports.
4. RF Port and Ground pin capacitors are 1000 pF.
Pin Configuration5
Pin No.
Function
Pin No.
Function
1
VDD
9
Ext. C to GND
2
RFIN/OUT
10
Ext. C to GND
3
Ext. C to GND
11
RFIN/OUT
4
Ext. C to GND
12
V16 (16 dB Bit)
5
Ext. C to GND
13
V8 (8 dB Bit)
6
Ext. C to GND
14
V4 (4 dB Bit)
7
Ext. C to GND
15
V2 (2 dB Bit)
8
Ext. C to GND
16
V1 (1 dB Bit)
Part Number
Package
MAADSS0016TR-3000
3000 piece reel
MAADSS0016SMB
Sample Board
MAADSS0016TR-1000
1000 piece reel
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power
500 - 4000 MHz
+33 dBm
Control Voltage
-0.5 V < VC < 5.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Ordering Information 1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
5. The exposed pad centered on the package bottom should
be grounded.


Similar Part No. - MAADSS0016SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016SMB MA-COM-MAADSS0016SMB Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
More results

Similar Description - MAADSS0016SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com