Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC4703DF8RGB Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPC4703DF8RGB
Description  P-Channel Trench MOSFET with Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC4703DF8RGB Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPC4703DF8RGB Datasheet HTML 1Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 2Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 3Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 4Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 5Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 6Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 7Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 8Page - SYNC POWER Crop. SPC4703DF8RGB Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008/05/15
Ver.1
Page 2
SPC4703
P-Channel Trench MOSFET with Schottky Diode
PIN DESCRIPTION
Pin
Symbol
Description
1
A
Schottky Anode
2
A
Schottky Anode
3
S
MOSFET Source
4
G
MOSFET Gate
5
D
MOSFET Drain
6
D
MOSFET Drain
7
K
Schottky Cathode
8
K
Schottky Cathode
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPC4703DF8RGB
DFN3X2- 8L
SPC4703
※
SPC4703DF8RGB : Tape Reel ; Pb – Free ; Halogen – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
℃
Typical
Parameter
Symbol
P-Channel
Schottky
Unit
Drain-Source Voltage
VDSS
-20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
-3.5
Continuous Drain Current(TJ=150 )
℃
TA=70℃
ID
-2.8
A
Pulsed Drain Current
IDM
-15
A
Schottky Reverse Voltage
VKA
20
V
TA=25℃
1
Continuous Forward Current
TA=70℃
IF
0.7
A
Pulsed Forward Current
IFM
10
A
Continuous Source Current(Diode Conduction)
IS
-1.4
A
TA=25℃
1.25
0.9
Power Dissipation
TA=70℃
PD
0.8
0.6
W
Operating Junction Temperature
TJ
-55/150
℃
Storage Temperature Range
TSTG
-55/150
℃
T ≤ 10sec
65
Thermal Resistance-Junction to Ambient
Steady State
RθJA
95
℃
/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com