Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPE6V8UFS26RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPE6V8UFS26RGB
Description  Ultra Low Capacitance 4 -Line ESD Protection Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE6V8UFS26RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPE6V8UFS26RGB Datasheet HTML 1Page - SYNC POWER Crop. SPE6V8UFS26RGB Datasheet HTML 2Page - SYNC POWER Crop. SPE6V8UFS26RGB Datasheet HTML 3Page - SYNC POWER Crop. SPE6V8UFS26RGB Datasheet HTML 4Page - SYNC POWER Crop. SPE6V8UFS26RGB Datasheet HTML 5Page - SYNC POWER Crop. SPE6V8UFS26RGB Datasheet HTML 6Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009/ 06 / 20
Ver.1
Page 1
SPE6V8UF
Ultra Low Capacitance 4 -Line ESD Protection Array
DESCRIPTION
APPLICATIONS
The SPE6V8UF is 4-channel very low capacitance
ESD transient voltage suppressor which provides a
very high level of protection for sensitive electronic
components that may be subjected to electrostatic
discharge. It is particularly well-suited to protect
systems with high speed communication lines from
ESD, EFT, and lighting.
The SPE6V8UF is consists of two low capacitance
steering diodes and a TVS diode in SOT-23-6L
package. Each channel of SPE6V8UF could safely
dissipate ESD strikes of ±15kV air discharge as well
as ±8kV contact discharge, meeting the requirement of
the IEC 61000-4-2 international standard. Using the
MIL-STD-883 (Method 3015) specification for
Human Body Model (HBM) ESD, the device provides
protection for contact discharges to greater than
±15kV.
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player High Definition Multi-Media
Interface Protection
USB 2.0 Power and Data Line
Monitors and Notebook Computers
HDSL, IDSL Secondary IC Side Protection
10/100/1000 Ethernet
FEATURES
PIN CONFIGURATION ( SOT-23-6L )
PART MARKING
Transient protection for data lines to
IEC 61000-4-2 (ESD)
±15kV (air)
±8kV (contact)
IEC 61000-4-4 (EFT)
40A (5/50ns)
Protects five bidirectional I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages
Low capacitance: 0.7 pF typical


Similar Part No. - SPE6V8UFS26RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE6V8UFS26RGB SYNC-POWER-SPE6V8UFS26RGB Datasheet
223Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
More results

Similar Description - SPE6V8UFS26RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE6V8UD SYNC-POWER-SPE6V8UD Datasheet
287Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW Datasheet
253Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UD SYNC-POWER-SPE6V8UD_12 Datasheet
253Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0583 SYNC-POWER-SPE0583 Datasheet
181Kb / 7P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0584 SYNC-POWER-SPE0584 Datasheet
157Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF_11 Datasheet
223Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UH SYNC-POWER-SPE6V8UH_11 Datasheet
229Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW_11 Datasheet
239Kb / 7P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0581 SYNC-POWER-SPE0581 Datasheet
263Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
logo
ACE Technology Co., LTD...
ACE00584A ACE-ACE00584A Datasheet
332Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com