Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT83VSH316IB Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83VSH316IB
Description  16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH316IB Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83VSH316IB Datasheet HTML 17Page - Exar Corporation XRT83VSH316IB Datasheet HTML 18Page - Exar Corporation XRT83VSH316IB Datasheet HTML 19Page - Exar Corporation XRT83VSH316IB Datasheet HTML 20Page - Exar Corporation XRT83VSH316IB Datasheet HTML 21Page - Exar Corporation XRT83VSH316IB Datasheet HTML 22Page - Exar Corporation XRT83VSH316IB Datasheet HTML 23Page - Exar Corporation XRT83VSH316IB Datasheet HTML 24Page - Exar Corporation XRT83VSH316IB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
XRT83VSH316
18
REV. 1.0.0
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
2.0
CLOCK SYNTHESIZER
In system design, fewer clocks on the network card could reduce noise and interference. Network cards that
support both T1 and E1 modes must be able to produce 1.544MHz and 2.048MHz transmission data. The
XRT83VSH316 has a built in clock synthesizer that requires only one input clock reference by programming
CLKSEL[3:0] in the appropriate global register. A list of the input clock options is shown in Table 1.
The single input clock reference is used to generate multiple timing references. The first objective of the clock
synthesizer is to generate 1.544MHz and 2.048MHz for each of the 16 channels. This allows each channel to
operate in either T1 or E1 mode independent from the other channels. The state of the equalizer control bits in
the appropriate channel registers determine whether the LIU operates in T1 or E1 mode. The second objective
is to generate additional output clock references for system use. The available output clock references are
shown in Figure 2.
FIGURE 2. SIMPLIFIED BLOCK DIAGRAM OF THE CLOCK SYNTHESIZER
TABLE 1: INPUT CLOCK SOURCE SELECT
CLKSEL[3:0]
INPUT CLOCK REFERENCE
0h (0000)
2.048 MHz
1h (0001)
1.544MHz
8h (1000)
4.096 MHz
9h (1001)
3.088 MHz
Ah (1010)
8.192 MHz
Bh (1011)
6.176 MHz
Ch (1100)
16.384 MHz
Dh (1101)
12.352 MHz
Eh (1110)
2.048 MHz
Fh (1111)
1.544 MHz
Clock
Synthesizer
Internal
Reference
1.544MHz
2.048MHz
Input Clock
8kHz
1.544Mhz
2.048MHz
2.048/4.096/8.192/16.384 MHz
1.544/3.088/6.176/12.352MHz
8kHzOUT
MCLKE1out
MCLKT1out
MCLKT1Nout
MCLKE1Nout
Programmable
Programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com