Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2F35E2 Datasheet(PDF) 17 Page - Megawin Technology Co., Ltd

Part # MPC2F35E2
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35E2 Datasheet(HTML) 17 Page - Megawin Technology Co., Ltd

Back Button MPC2F35E2 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 21Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
17
USB Special Function Registers (SFRs) Summary
There are 18 special function registers for the operation of Universal Serial Bus (USB). The detail
definition is described as the following:
Mnemonic
USB Device SFRs
Address
Description
DCON
Device Control Register
01H
TESTEN
–
–
–
–
–
PUREN
CONPUEN
FADDR
Function Address Register
08H
–
A6
A5
A4
A3
A2
A1
A0
FPCON
Function Power Control Register
12H
–
–
FRWU
–
URST
–
FRSM
FSUS
Mnemonic
USB Interrupt System SFRs
Address
Description
FIE
USB Function Interrupt Enable
Register
18H
–
–
–
FRXIE3
FTXIE2
FTXIE1
FRXIE0
FTXIE0
FIFLG
USB Function Interrupt Flag Register
1AH
–
–
–
FRXD3
FTXD2
FTXD1
FRXD0
FTXD0
IEN1
USB Interrupt Enable Register
10H
–
–
–
EFSR
–
EF
–
Mnemonic
USB Endpoint SFRs
Address
Description
EPINDEX
Endpoint Index Register
31H
–
–
–
–
–
–
EPINX1
EPINX0
EPCON*
Endpoint Control Register
21H
RXSTL
TXSTL
–
–
–
RXEPEN
–
TXEPEN
RXCNT*
Receive FIFO Byte-Count Register
26H
–
–
–
–
RXBC3
RXBC2
RXBC1
RXBC0
RXCON*
Receive FIFO Control Register
24H
RXCLR
–
–
RXFFRC
–
–
–
–
RXDAT*
Receive FIFO Data Register
23H
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
RXSTAT*
Endpoint Receive Status Register
22H
RXSEQ
RXSETUP
STOVW
EDOVW
RXSOVW
–
–
–
TXCNT*
Transmit FIFO Byte-Count Register
36H
–
–
–
–
TXBC3
TXBC2
TXBC1
TXBC0
TXCON*
Transmit FIFO Control Register
34H
TXCLR
–
–
–
–
–
–
–
TXDAT*
Transmit FIFO Data Register
33H
TD7
TD6
TD5
TD4
TD3
TD2
TD1
TD0
TXSTAT*
Endpoint Transmit Status Register
32H
TXSEQ
–
–
–
TXSOVW
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com