Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC89L52AP Datasheet(PDF) 17 Page - Megawin Technology Co., Ltd

Part # MPC89L52AP
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L52AP Datasheet(HTML) 17 Page - Megawin Technology Co., Ltd

Back Button MPC89L52AP Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC89L52AP Datasheet HTML 21Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Timer2 is also can be configured as a periodical signal generator.
The MPC89x52A is able to generate a programmable clock output on P1.0. When T2OE bit is set
and C//T2 bit is cleared, Timer2 overflow pulse will generate a 50% duty clock and output that to
P1.0. The frequency of clock-out is calculated according to the following formula.
Oscillator frequency
4 x (65536 – RCAP2H, RCAP2L)
In the clock-out mode, Timer2 rollovers will not generate an interrupt.
Capture Mode (CP)
In the Capture mode, Timer2 is incremented by either OSC/12 or external pin (T2) 1-to-0
transition. TR2 controls the event to timer2 and a 1-to-0 transition on T2EX pin will trigger
RCAP2H and RCAP2L registers to capture the Timer2 contents onto them if EXEN2 is set. An
overflow in Timer2 sets TF2 flag and a 1-to-0 transition in T2EX pin sets EXF2 flag if EXEN2=1.
TF2 and EXF2 is ORed to request the interrupt service.
0
1
OSC/12
T2 pin
0
1
TR2
TL2 [7:0]
TF2
Interrupt
C//T2
TH2[7:0]
RCAP2L [7:0]
RCAP2H [7:0]
T2EX pin
EXEN2
EXF2
MEGAWIN
MPC89x52A Data Sheet
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com