Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC89L52AF Datasheet(PDF) 23 Page - Megawin Technology Co., Ltd

Part # MPC89L52AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L52AF Datasheet(HTML) 23 Page - Megawin Technology Co., Ltd

Back Button MPC89L52AF Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89L52AF Datasheet HTML 27Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
SFR: WDTCR (Watchdog Timer Control):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
-
-
ENW
CLRW
WIDL
PS2
PS1
PS0
ENW: Enable WDT while it is set. ENW cannot be cleared by firmware.
1: = enable watchdog timer, 0: = does not use watchdog timer
CLRW: Clear WDT to recount while it is set. Hardware will automatically clear this bit.
WIDL: Set this bit to disable WDT generating reset even though the μC is in idle mode.
{PS2, PS1, PS0}: select the pre-scalar output.
{0, 0, 0}: = set the pre-scaling value 2
{0, 0, 1}: = set the pre-scaling value 4
{0, 1, 0}: = set the pre-scaling value 8
{0, 1, 1}: = set the pre-scaling value 16
{1, 0, 0}: = set the pre-scaling value 32
{1, 0, 1}: = set the pre-scaling value 64
{1, 1, 0}: = set the pre-scaling value 128
{1, 1, 1}: = set the pre-scaling value 256
Serial IO Port (UART)
The serial port of MPC89x52A is duplex. It can transmit and receive simultaneously. The
receiving and transmitting of the serial port share the same SFR SBUF, but actually there are
two SBUF registers implemented in the chip, one is for transmitting and the other is for receiving.
The serial port can be operated in 4 different modes.
Mode 0
Generally, this mode purely is used to extend the I/O features of this device.
Operating under this mode, the device receives the serial data or transmits the serial data via pin
RXD, while there is a clock stream shifted via pin TXD which makes convenient for external
synchronization. An 8-bit data is serially transmitted/received with LSB first. The baud rate is
fixed at 1/12 the oscillator frequency.
Mode1
A 10-bits data is serially transmitted through TXD or received through RXD. The frame data
includes a start bit (0), 8 data bits and a stop bit (1). After the receiving, the device will keep the
stop bit in RB8 which from SRF SCON.
Baud Rate (for Mode 1)
=
2
SMOD
32
(Timer-2 overflow rate)
16
or =
X (Timer-1 overflow rate)
MEGAWIN
MPC89x52A Data Sheet
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com