Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAMXES0108 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0108
Description  E-Series Mixer, 0.5 - 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0108 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0108 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0108 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series Mixer, 0.5 - 500 MHz
SM89
V 2.00
Features
n
Up to +1dBm RF
n
Small SMT footprint
n
+5 dBm LO Drive
n
Low Profile
Description
M/A-COM’s MAMXES0108 is a Low Cost, Broadband,
high performance Double Balanced Mixer designed for use
in high volume wireless applications. The device has been
optimised by careful selection of the Schottky Diode and
Balun
Transformer
for
excellent
performance.
MAMXES0108 is available in an SM-89 surface mount
package and reflows using standard soldering
Electrical Specifications: TA = 25°C, Impedance = 50 Ohms,
LO Drive = +5 dBm
Parameter
Frequency (MHz)
Units
Minimum
Typical
Maximum
Frequency Range
RF: 0.5-500
LO: 0.5-500
IF: DC-500
—
—
—
—
—
—
—
—
—
—
—
—
Conversion loss
1-250
0.5-500
dB
dB
—
—
6.0
6.2
7.5
7.8
L-R Isolation
0.5-5
5-250
250-500
dB
dB
dB
50
35
30
55
45
35
—
—
—
L-I Isolation
0.5-5
5-250
250-500
dB
dB
dB
45
35
25
55
45
30
—
—
—
1 dB Compression
dBm
—
—
+1
Pin Configuration
Pin No.
Function
Pin No.
Function
1
LO
4
RF
2
GND
5
IF
3
GND
6
GND
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
RF Power
50mW
Peak IF Current
40 mA
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C


Similar Part No. - MAMXES0108

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXES0108 MA-COM-MAMXES0108 Datasheet
193Kb / 3P
E-Series Mixer
MAMXES0108_V3 MA-COM-MAMXES0108_V3 Datasheet
193Kb / 3P
E-Series Mixer
More results

Similar Description - MAMXES0108

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-1 MACOM-ELCM-1 Datasheet
199Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
ELCM-1H MACOM-ELCM-1H Datasheet
212Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
EMRS-1 MACOM-EMRS-1 Datasheet
101Kb / 1P
E-Series Surface Mount Mixer 0.5 - 500 MHz
EMRS-1LH MACOM-EMRS-1LH Datasheet
60Kb / 1P
E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMXES0022 MACOM-MAMXES0022 Datasheet
51Kb / 2P
E-Series Surface Mount Mixer 0.5 . 500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
MAMX-007607-ELCM1H MACOM-MAMX-007607-ELCM1H Datasheet
128Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007607-ELCM1H MA-COM-MAMX-007607-ELCM1H Datasheet
136Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
E-Series Surface Mount Mixer 2 - 500 MHz
ELCM-1H MA-COM-ELCM-1H Datasheet
162Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com