Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC849LP4CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC849LP4CE
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC849LP4CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC849LP4CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 240
Truth Table
Absolute Maximum Ratings
Control Input
Signal Path State
Vctl
EN
RFC - RF1
RFC - RF2
Low
Low
OFF
ON
High
Low
ON
OFF
Low
High
OFF
OFF
High
High
OFF
OFF
Digital Control Voltages
State
Bias Condition
Low
0 to +0.8 Vdc @ <1 μA Typical
High
+2.0 to +5.0 Vdc @ 30 μA Typical
Bias Voltage (Vdd)
7V
Control Voltage (Vctl, EN)
-1V to Vdd +1V
RF Input Power *
Through Path 3V/5V
Termination Path 3V/5V
30.60 / 33 dBm
26.4 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 17.6 mW/°C for through path, and
6.8 mW/°C for termination path above 85 °C)
Through Path
Termination Path
1.144 W
0.441 W
Thermal Resistance
(channel to package bottom)
Through Path
Termination Path
56.8 °C/W
147.3 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
* The RF input power is quite lower than the breakdown
power levels. Hence, the only concern with this product
is the thermal limit.
Vdd
(V)
Idd (Typ.)
(mA)
30.80
50.85
Bias Voltage & Current
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC849LP4CE
v00.0909
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 6 GHz
Input Third Order Intercept
Point, Vdd = 5V
Input Third Order Intercept
Point, Vdd = 3V
40
44
48
52
56
60
64
68
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
40
44
48
52
56
60
64
68
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com