Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MY85C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MY85C
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MY85C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MY85C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MY85C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MY85C Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
MY85 / MY85C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 2 TO 18 GHz
• RF 2 TO 18 GHz
• IF 0 TO 1000 MHz
• LO DRIVE: +7 dBm (NOMINAL)
• DC COUPLED I-PORT
• WIDE BANDWIDTH
Description
The MY85 is a double balanced mixer, designed for use in mili-
tary, commercial and test equipment applications.
The design
utilizes Schottky ring quad diodes and broadband soft dielectric
baluns to attain excellent performance. This mixer can also be
used as a phase detector and/or bi-phase modulator since the IF
port is DC coupled to the diodes. The use of high temperature
solder and welded assembly processes used internally makes it
ideal for use in manual, semi-automated assembly.
Environ-
mental screening available to MIL-STD-883, MIL-STD-202, or
Ordering Information
Part Number
Package
MY85
Versapac
MY85C
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +7 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 4 to 14 GHz, fL = 3 to 15 GHz, fI = 0 to 1 GHz
fR = 2 to 3 GHz, fL = 2 to 3 GHz, fI = 0 to 1 GHz
fR = 3 to 18 GHz, fL = 3 to 18 GHz, fI = 0 to 1 GHz
dB
dB
dB
7.0
10.0
8.5
9.0
11.0
10.5
9.5
11.5
11.0
Isolation, L to R (min)
fL = 2 to 18 GHz
dB
35
22
20
Isolation, L to I (min)
fL = 2 to 18 GHz
dB
20
15
13
1 dB Conversion Comp.
fL = +7 dBm
dBm
+1
Input IP3
fR1 =5 GHz at –10 dBm, fR2 = 5.01 GHz at –10 dBm,
fL = 5.5 GHz at +7 dBm
fR1=15 GHz at –10 dBm, fR2=15.01GHz at –10 dBm,
fL = 14.5 GHz at +7 dBm
dBm
dBm
+10
+10
Product Image


Similar Part No. - MY85C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MY85C MACOM-MY85C Datasheet
139Kb / 2P
DOUBLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MY85C MA-COM-MY85C Datasheet
163Kb / 3P
Double-Balanced Mixer
MY85C MA-COM-MY85C_15 Datasheet
163Kb / 3P
Double-Balanced Mixer
More results

Similar Description - MY85C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com