Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HU5-100PNA-R53TD20-FA Datasheet(PDF) 2 Page - DDK Ltd.

Part # HU5-100PNA-R53TD20-FA
Description  2.54mm Pitch Low Profile Pin Header Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

HU5-100PNA-R53TD20-FA Datasheet(HTML) 2 Page - DDK Ltd.

  HU5-100PNA-R53TD20-FA Datasheet HTML 1Page - DDK Ltd. HU5-100PNA-R53TD20-FA Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
HU5 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
2
○ 2.54mm Pitch Grid Connectors
HU5-400PNA-R53TD20-FA
Number of Contact
 10, 14, 16, 20, 26, 30, 34, 40, 50
Key Slot
 0: 10・・・No Key
   14,16,20,30,34,34,40・・・1 Key
   50・・・2 Keys(※ H=22.86)
 A:50・・・1 Key
 D:10・・・1 Key
Contact Style
 P: Pin Contacrt
Housing Style
 N: Standard
FA:Lead Free
Deviation
   D20 :4 Surfaces Gold Plating
 No Digit:1 Surface Gold Plating
Contact Tail Area Plating
T:Sn-Ag Plating
Contact Area Plating
  1:Au(0.76 μ m) over Ni Plating
 2:Au(0.4 μ m) over Ni Plating
 3:Au(Flash) over Ni Plating
 5:Sn-Ag Plating(above 40 pins)
Contact Tail Length
 5:2.9
Tail Style
 R: Right Angle DIP Termination
 S: Straight DIP Termination
Color of Housing
 A: Black
A0.25
C
B
+0.25
-0.05
2.54
40
Contact No.
DDK Mark
Series
D
E
G
G
F
Key Slot
2.54
0.50.64
2.9
Section G - G
2.54
6.2
□6.40.05
1 Surface Au Plating
Straight DIP Termination
Right Angle DIP Termination
2.540.1
C0.1
φ0.9   DIA
+0.08
0
PCB Mounting Dimensions
※H
50 Contcts 2 Key
10 Contacts Less Key
10 Contacts 1 Key
Part Number
Number of
Contact
ABC
D
E
F
HU5-100PNA-□5□T□□□ -FA
10
20.0
17.52
10.16
-
3.81
5.2
HU5-10DPNA-□5□T□□□ -FA
-
-
5.2
HU5-140PNA-□5□T□□□ -FA
14
25.1
22.60
15.24
-
6.35
5.2
HU5-160PNA-□5□T□□□ -FA
16
27.6
25.14
17.78
5.08
7.62
4.1
HU5-200PNA-□5□T□□□ -FA
20
32.7
30.22
22.86
7.62
10.16
5.2
HU5-260PNA-□5□T□□□ -FA
26
40.3
37.84
30.48
11.43
13.97
5.2
HU5-300PNA-□5□T□□□ -FA
30
45.4
42.92
35.56
13.97
16.51
5.2
HU5-340PNA-□5□T□□□ -FA
34
50.5
48.00
40.64
16.51
19.05
5.2
HU5-400PNA-□5□T□□□ -FA
40
58.1
55.62
48.26
20.32
22.86
5.2
HU5-50 □ PNA-□5□T□□□ -FA
50
70.8
68.32
60.96
26.67
29.21
5.2
Note: Straight style 26,30,34,40,50 number of
contacts items are availavle anti-flux migration
treatment.
Please contact our sales office or distributor.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com