Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 162Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 163Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 164Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 165Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 166Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 167Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 168Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 169Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 186 page
background image
Package characteristics
ST7263Bxx
166/186
Doc ID 7516 Rev 8
14.1
Package mechanical data
Figure 79.
32-pin plastic dual in-line package, shrink 400-mil width, package outline
D
b1
b
e
A
A1
A2
L
E1
E
eC
C
eA
eB
Table 80.
32-pin plastic dual in-line package, shrink 400-mil width, package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
3.560
3.760
5.080
0.1400
0.1480
0.2000
A1
0.510
0.0200
A2
3.050
3.560
4.570
0.1200
0.1400
0.1800
b
0.360
0.460
0.580
0.0140
0.0180
0.0230
b1
0.760
1.020
1.400
0.0300
0.0400
0.0550
C
0.200
0.250
0.360
0.0080
0.0100
0.0140
D
27.430
28.450
1.0800
1.1000
1.1200
E
9.910
10.410
11.050
0.3900
0.4100
0.4350
E1
7.620
8.890
9.400
0.3000
0.3500
0.3700
e
1.780
0.0700
eA
10.160
0.4000
eB
12.700
0.5000
eC
1.400
0.0550
L
2.540
3.050
3.810
0.1000
0.1200
0.15000
Number of pins
N32
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com