Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 166Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 167Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 168Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 169Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 170Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 171Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 172Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 173Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 186 page
background image
Package characteristics
ST7263Bxx
170/186
Doc ID 7516 Rev 8
Figure 83.
40-lead very thin fine pitch quad flat no-lead package outline
SEATING
PLANE
A
D2
1
2
PIN #1 ID TYPE C
RADIUS
D
E
A1
A3
b
e
E2
L
Table 84.
40-lead very thin fine pitch quad flat no-lead package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.020
0.050
0.0008
0.0020
A2
0.650
1.000
0.0260
0.0390
A3
0.200
0.0080
b
0.180
0.250
0.300
0.0070
0.0100
0.0120
D
5.850
6.000
6.150
0.2300
0.2360
0.2420
D2
2.750
2.90
3.050
0.1080
0.1140
0.1200
E
5.850
6.000
6.150
0.2300
0.2360
0.2420
E2
2.750
2.900
3.050
0.1080
0.1140
0.1200
e
0.500
0.0200
L
0.300
0.400
0.500
0.0120
0.0160
0.0200
Number of pins
N40
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com