Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 169Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 170Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 171Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 172Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 173Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 174Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 175Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 176Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 186 page
background image
ST7263Bxx
Device configuration and ordering information
Doc ID 7516 Rev 8
173/186
15.2
Device ordering information and transfer of customer code
Customer code is made up of the ROM contents and the list of the selected options (if any).
The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal
file in .S19 format generated by the development tool. All unused bytes must be set to FFh.
The selected options are communicated to STMicroelectronics using the correctly
completed option list appended (see Section 15.2).
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
The STMicroelectronics Sales Organization will be pleased to provide detailed information
on contractual points.
OPT 2 Reserved.
OPT 1 OSC24/12 Oscillator Selection
This option bit selects the clock divider used to drive the USB interface at 6MHz.
0: 24 MHz oscillator
1: 12 Mhz oscillator
OPT 0 FMP_R Flash memory readout protection
This option indicates if the user flash memory is protected against readout.
Readout protection, when selected, provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option
bytes when the FMP_R option is selected, causes the whole user memory to be
erased first and the device can be reprogrammed. Refer to the ST7 Flash
Programming Reference Manual and Section 4.3.1: Readout protection for more
details.
0: Readout protection enabled
1: Readout protection disabled
Table 86.
Supported order codes
Sales type(1)(2)
Program memory
(bytes)
RAM
(bytes)
Package
ST72F63BH6T1
32K Flash
1024
LQFP48
ST72F63BD6U1
QFN40
ST72F63BK6M1
SO34
ST72F63BK6B1
SDIP32
ST72F63BE6M1
SO24
ST72F63BH4T1
16K Flash
512
LQFP48
ST72F63BK4M1
SO34
ST72F63BK4B1
SDIP32
ST72F63BE4M1
SO24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com